Electronic Components Datasheet Search
  English  ▼

X  

ADC12451 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12451
Description  Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12451 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC12451 Datasheet HTML 8Page - National Semiconductor (TI) ADC12451 Datasheet HTML 9Page - National Semiconductor (TI) ADC12451 Datasheet HTML 10Page - National Semiconductor (TI) ADC12451 Datasheet HTML 11Page - National Semiconductor (TI) ADC12451 Datasheet HTML 12Page - National Semiconductor (TI) ADC12451 Datasheet HTML 13Page - National Semiconductor (TI) ADC12451 Datasheet HTML 14Page - National Semiconductor (TI) ADC12451 Datasheet HTML 15Page - National Semiconductor (TI) ADC12451 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
10 Pin Descriptions
DVCC (24)
The digital and analog positive power supply
AVCC (4)
pins The digital and analog power supply
voltage range of the ADC12451 is a45V to
a
55V To guarantee accuracy it is required
that the AVCC and DVCC be connected to-
gether to the same power supply with sepa-
rate bypass capacitors (10 mF tantalum in
parallel with a 01 mF ceramic) at each VCC
pin
V
b
(5)
The analog negative supply voltage pin Vb
has a range of b45V to b55V and needs
bypass capacitors of 10 mF tantalum in paral-
lel with a 01 mF ceramic
DGND (12)
The digital and analog ground pins AGND
AGND (3)
and DGND must be connected together ex-
ternally to guarantee accuracy
VREF (2)
The reference input voltage pin To maintain
accuracy the voltage at this pin should not
exceed the AVCC or DVCC by more than
50 mV or go below a35 VDC
VIN (1)
The analog input voltage pin To guarantee
accuracy the voltage at this pin should not
exceed VCC by more than 50 mV or go below
Vb by more than 50 mV
CS (10)
The Chip Select control input This input is
active low and enables the WR RD and S H
functions
RD (23)
The Read control input With both CS and RD
low the TRI-STATE output buffers are en-
abled and the INT output is reset high
WR (7)
The Write control input The conversion is
started on the rising edge of the WR pulse
when CS is low When this control line is
used the end of the analog input voltage ac-
quisition window is internally controlled by the
ADC12451
S H (11)
The sample and hold control input This con-
trol input can also be used to start a conver-
sion With CS low the falling edge of S H
starts the analog input acquisition window
The rising edge of S H ends the acquisition
window and starts a conversion
CLKIN (8)
The external clock input pin The typical clock
frequency range is 500 kHz to 60 MHz
CAL (9)
The Auto-Calibration control input
When
CAL is low the ADC12451 is reset and a cali-
bration cycle is initiated During the calibra-
tion cycle the values of the comparator offset
voltage and the mismatch errors in the ca-
pacitor reference ladder are determined and
stored in RAM These values are used to cor-
rect the errors during a normal cycle of AD
conversion
AZ (6)
The Auto-Zero control input With the AZ pin
held low during a conversion the ADC12451
goes into an auto-zero cycle before the actu-
al AD conversion is started This Auto-Zero
cycle corrects for the comparator offset volt-
age The total conversion time (tC)isin-
creased by 26 clock periods when Auto-Zero
is used
EOC (22)
The End-of-Conversion control output This
output is low during a conversion or a calibra-
tion cycle
INT (21)
The Interrupt control output This output goes
low when a conversion has been completed
and indicates that the conversion result is
available in the output latches Reading the re-
sult or starting a conversion or calibration cy-
cle will reset this output high
DB0DB8 -
The TRI-STATE output pins Twelve bit plus
sign output data access is accomplished using
DB7DB12
two successive RDs of one byte each high
(13 – 20)
byte first (DB8 – DB12) The data format used
is two’s complement sign bit extended with
DB12 the sign bit DB11 the MSB and DB0 the
LSB
20 Functional Description
The ADC12451 is a 12-bit plus sign AD converter with the
capability of doing Auto-Zero or Auto-Calibration routines to
minimize zero full-scale and linearity errors It is a succes-
sive-approximation AD converter consisting of a DAC
comparator and a successive-approximation register (SAR)
Auto-Zero is an internal calibration sequence that corrects
for the AD’s zero error caused by the comparator’s offset
voltage Auto-Cal is a calibration cycle that not only corrects
zero error but also corrects for full-scale and linearity errors
caused by DAC inaccuracies Auto-Cal minimizes the errors
of the ADC12451 without the need of trimming during its
fabrication An Auto-Cal cycle can restore the accuracy of
the ADC12451 at any time which ensures accuracy over
temperature and time
21 DIGITAL INTERFACE
On power up a calibration sequence should be initiated by
pulsing CAL low with CS and S H high To acknowledge the
CAL signal EOC goes low after the falling edge of CAL and
remains low during the calibration cycle of 1399 clock peri-
ods During the calibration sequence first the comparator’s
offset is determined then the capacitive DAC’s mismatch
error is found Correction factors for these errors are then
stored in internal RAM
A conversion is initiated by taking CS and WR low If AZ is
low an Auto-Zero cycle which takes approximately 26 clock
periods is inserted before the analog input is sampled and
the actual conversion is started AZ must remain low during
the complete conversion sequence After Auto-Zero the ac-
quisition opens and the analog input is sampled for appprox-
imately 7 clock periods If AZ is high the Auto-Zero cycle is
not inserted after the rising edge of WR In this case the
acquisition window opens when the ADC12451 completes a
conversion signaled by the rising edge of EOC At the end
of the acquisition window EOC goes low signaling that the
analog input is no longer being sampled and that the AD
successive approximation conversion has started
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com