Electronic Components Datasheet Search
  English  ▼

X  

ADC12451 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12451
Description  Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12451 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button ADC12451 Datasheet HTML 10Page - National Semiconductor (TI) ADC12451 Datasheet HTML 11Page - National Semiconductor (TI) ADC12451 Datasheet HTML 12Page - National Semiconductor (TI) ADC12451 Datasheet HTML 13Page - National Semiconductor (TI) ADC12451 Datasheet HTML 14Page - National Semiconductor (TI) ADC12451 Datasheet HTML 15Page - National Semiconductor (TI) ADC12451 Datasheet HTML 16Page - National Semiconductor (TI) ADC12451 Datasheet HTML 17Page - National Semiconductor (TI) ADC12451 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
30 Analog Considerations (Continued)
35 INPUT BYPASS CAPACITORS
An external capacitor can be used to filter out any noise due
to inductive pickup by a long input lead and will not degrade
the accuracy of the conversion result
36 INPUT SOURCE RESISTANCE
The analog input can be modeled as shown in
Figure 6
External RS will lengthen the time period necessary for the
voltage on CREF to settle to within
LSB of the analog
input voltage With tA e 35 ms RS s 1kX will allow a 5V
analog input voltage to settle properly
37 POWER SUPPLIES
Noise spikes on the VCC and V
b
supply lines can cause
conversion errors as the comparator will respond to this
noise The AD is especially sensitive during the Auto-Zero
or -Cal procedures to any power supply spikes Low induc-
tance tantalum capacitors of 10 mF or greater paralleled
with 01 mF ceramic capacitors are recommended for supply
bypassing Separate bypass capacitors should be placed
close to the DVCC AVCC and V
b
pins If an unregulated
voltage source is available in the system
a separate
LM340LAZ-50 voltage regulator for the A-to-D’s VCC (and
other analog circuitry) will greatly reduce digital noise on the
supply line
38 THE CALIBRATION CYCLE
On power up the ADC12451 goes through an Auto-Cal cy-
cle which cannot be interrupted Since the power supply
reference and clock will not be stable at power up this first
calibration cycle will not result in an accurate calibration of
the AD A new calibration cycle needs to be started after
the power supplies reference and clock have been given
enough time to stabilize During the calibration cycle cor-
rection values are determined for the offset voltage of the
sampled data comparator and any linearity and gain errors
These values are stored in internal RAM and used during an
analog-to-digital conversion to bring the overall full-scale
offset and linearity errors down to the specified limits Full-
scale error typically changes g02 LSB over temperature
and linearity error changes even less therefore it should be
necessary to go through the calibration cycle only once af-
ter power up if Auto-Zero is used to correct the zero error
change Since Auto-Zero cannot be activated with S H con-
version method it may be necessary to do a calibration cy-
cle more than once
39 THE AUTO-ZERO CYCLE
To correct for any change in the zero (offset) error of the
AD the auto-zero cycle can be used It may be necessary
to do an auto-zero cycle whenever the ambient temperature
changes significantly (See the curve titled ‘‘Zero Error
Change vs Ambient Temperature’’ in the Typical Perform-
ance Characteristics) A change in the ambient temperature
will cause the VOS of the sampled data comparator to
change which may cause the zero error of the AD to be
greater than g1 LSB An auto-zero cycle will typically main-
tain the zero error to g1 LSB or less
40 Dynamic Performance
Many applications require the AD converter to digitize ac
signals but the standard dc integral and differential nonlin-
earity specifications will not accurately predict the AD con-
verter’s performance with ac input signals The important
specifications for ac applications reflect the converter’s abil-
ity to digitize ac signals without significant spectral errors
and without adding noise to the digitized signal Dynamic
characteristics such as signal-to-noise (SN)
signal-to-
noiseadistortion ratio (S(NaD)) effective bits full power
bandwidth aperture time and aperture jitter are quantitative
measures of the AD converter’s capability
An AD converter’s ac performance can be measured using
Fast Fourier Transform (FFT) methods A sinusoidal wave-
form is applied to the AD converter’s input and the trans-
form is then performed on the digitized waveform S(NaD)
and SN are calculated from the resulting FFT data and a
spectral plot may also be obtained Typical values for SN
are shown in the table of Electrical Characteristics and
spectral plots of S(NaD) are included in the typical per-
formance curves
The AD converter’s noise and distortion levels will change
with the frequency of the input signal with more distortion
and noise occurring at higher signal frequencies This can
be seen in the S(NaD) versus frequency curves These
curves will also give an indication of the full power band-
width (the frequency at which the S(NaD) or SN drops
3 dB)
TLH11025 – 23
FIGURE 6 Analog Input Equivalent Circuit
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com