Electronic Components Datasheet Search
  English  ▼

X  

ADC12451 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12451
Description  Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12451 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button ADC12451 Datasheet HTML 10Page - National Semiconductor (TI) ADC12451 Datasheet HTML 11Page - National Semiconductor (TI) ADC12451 Datasheet HTML 12Page - National Semiconductor (TI) ADC12451 Datasheet HTML 13Page - National Semiconductor (TI) ADC12451 Datasheet HTML 14Page - National Semiconductor (TI) ADC12451 Datasheet HTML 15Page - National Semiconductor (TI) ADC12451 Datasheet HTML 16Page - National Semiconductor (TI) ADC12451 Datasheet HTML 17Page - National Semiconductor (TI) ADC12451 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
40 Dynamic Performance (Continued)
Effective number of bits can also be useful in describing the
AD’s noise performance An ideal AD converter will have
some amount of quantization noise determined by its reso-
lution which will yield an optimum SN ratio given by the
following equation
SN e (602 c n a 18) dB
where n is the AD’s resolution in bits
The effective bits of a real AD converter therefore can be
found by
n(effective) e
SN(dB)b18
602
As an example an ADC12451 with a g5V 10 kHz sine
wave input signal will typically have a SN of 78 dB which is
equivalent to 126 effective bits
Two samplehold specifications aperture time and aperture
jitter are included in the Dynamic Characteristics table
since the ADC12451 has the ability to track and hold the
analog input voltage Aperture time is the delay for the AD
to respond to the hold command In the case of the
ADC12451
the hold command is internally generated
When the Auto-Zero function is not being used the hold
command occurs at the end of the acquisition window or
seven clock periods after the rising edge of the WR The
delay between the internally generated hold command and
the time that the ADC12451 actually holds the input signal is
the aperture time For the ADC12451 this time is typically
100 ns Aperture jitter is the change in the aperture time
from sample to sample Aperture jitter is useful in determin-
ing the maximum slew rate of the input signal for a given
accuracy For example an ADC12451 with 100 ps of aper-
ture jitter operating with a 5V reference can have an effec-
tive gain variation of about 1 LSB with an input signal whose
slew rate is 12 V ms
50 Typical Applications
Power Supply Bypassing
TLH11025 – 24
Protecting the Analog Inputs
TLH11025 – 25
Note
External protection diodes should be able to withstand the op amp current limit
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com