Electronic Components Datasheet Search
  English  ▼

X  

T0340VB45G Datasheet(PDF) 3 Page - IXYS Corporation

Part # T0340VB45G
Description  Insulated Gate Bi-Polar Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

T0340VB45G Datasheet(HTML) 3 Page - IXYS Corporation

  T0340VB45G Datasheet HTML 1Page - IXYS Corporation T0340VB45G Datasheet HTML 2Page - IXYS Corporation T0340VB45G Datasheet HTML 3Page - IXYS Corporation T0340VB45G Datasheet HTML 4Page - IXYS Corporation T0340VB45G Datasheet HTML 5Page - IXYS Corporation T0340VB45G Datasheet HTML 6Page - IXYS Corporation T0340VB45G Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Insulated Gate Bi-polar Transistor Type T0340VB45G
Data Sheet T0340VB45G Issue 2
Page 3 of 7
August, 2012
Curves
Figure 1 – Typical collector-emitter saturation voltage
characteristics
Figure 2 – Typical output characteristic
Figure 3 – Typical output characteristic
Figure 4 – Typical turn-on delay time vs gate
resistance
1
10
100
1000
01
2
34567
Collector to emitter saturation voltage - VCE(sat) (V)
125°C
25°C
T0340VB45G
Issue 2
VGE=+15V
0
200
400
600
800
01
23
45
Collector to emitter saturation voltage - VCE(sat) (V)
T0340VB45G
Issue 2
Tj =25°C
VGE = 20V
VGE = 17V
VGE = 15V
VGE = 13V
VGE = 11V
0
200
400
600
800
012
3
4
567
C ollector to em itter saturation voltage - VCE(sat) (V)
VGE = 20V
VGE = 17V
VGE = 15V
VGE = 13V
VGE = 11V
T0340VB45G
Issue 2
Tj=125°C
0
5
10
15
20
10
20
30
40
50
60
70
80
90
G ate resistance - RG(on) (Ω )
VCE=2800V
VGE=±15V
CGE=47nF
Tj=125°C
T0340VB45G
Issue 2
200A
340A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com