Electronic Components Datasheet Search
  English  ▼

X  

T0340VB45G Datasheet(PDF) 4 Page - IXYS Corporation

Part # T0340VB45G
Description  Insulated Gate Bi-Polar Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

T0340VB45G Datasheet(HTML) 4 Page - IXYS Corporation

  T0340VB45G Datasheet HTML 1Page - IXYS Corporation T0340VB45G Datasheet HTML 2Page - IXYS Corporation T0340VB45G Datasheet HTML 3Page - IXYS Corporation T0340VB45G Datasheet HTML 4Page - IXYS Corporation T0340VB45G Datasheet HTML 5Page - IXYS Corporation T0340VB45G Datasheet HTML 6Page - IXYS Corporation T0340VB45G Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Insulated Gate Bi-polar Transistor Type T0340VB45G
Data Sheet T0340VB45G Issue 2
Page 4 of 7
August, 2012
Figure 5 – Typical turn-off delay time vs. gate
resistance
Figure 6 – Typical turn-on energy vs. collector current
Figure 7 – Typical turn-on energy vs. di/dt
Figure 8 – Typical turn-off energy vs. collector current
0
2
4
6
8
10
12
10
20
30
40
50
60
70
80
90
Gate resistance - RG(off) (Ω)
VCE=2800V
VGE=±15V
CGE=47nF
Tj=125°C
T0340VB45G
Issue 2
340A
200A
0
1
2
3
4
50
100
150
200
250
300
350
400
Collector current - IC (A)
VCE=2000V
VCE=2800V
RG(on)=18Ω
CGE=47nF
VGE=±15V
Tj=125°C
VCE=1000V
T0340VB45G
Issue 2
0
2
4
6
8
10
0
100
200
300
400
500
600
Commutation rate - di/dt (A/µs)
IC=200A
VCE=2800V
VGE=±15V
Tj=125°C
IC=340A
T0340VB45G
Issue 2
0.0
0.5
1.0
1.5
2.0
50
100
150
200
250
300
350
400
Collector current - IC (A)
VCE=2000V
VCE=2800V
RG(off)=20Ω
CGE=47nF
VGE=±15V
Tj=125°C
VCE=1000V
T0340VB45G
Issue 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com