Electronic Components Datasheet Search
  English  ▼

X  

T0340VB45G Datasheet(PDF) 7 Page - IXYS Corporation

Part # T0340VB45G
Description  Insulated Gate Bi-Polar Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

T0340VB45G Datasheet(HTML) 7 Page - IXYS Corporation

  T0340VB45G Datasheet HTML 1Page - IXYS Corporation T0340VB45G Datasheet HTML 2Page - IXYS Corporation T0340VB45G Datasheet HTML 3Page - IXYS Corporation T0340VB45G Datasheet HTML 4Page - IXYS Corporation T0340VB45G Datasheet HTML 5Page - IXYS Corporation T0340VB45G Datasheet HTML 6Page - IXYS Corporation T0340VB45G Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Insulated Gate Bi-polar Transistor Type T0340VB45G
Data Sheet T0340VB45G Issue 2
Page 7 of 7
August, 2012
Outline Drawing & Ordering Information
101A366
ORDERING INFORMATION
(Please quote 10 digit code as below)
T0340
VB
45
G
Fixed type
Code
Fixed Outline
Code
Voltage Grade
VCES/100
45
Fixed format code
Typical order code: T0340VB45G (VCES = 4500V)
IXYS Semiconductor GmbH
Edisonstraße 15
D-68623 Lampertheim
Tel: +49 6206 503-0
Fax: +49 6206 503-627
E-mail: marcom@ixys.de
IXYS UK Westcode Ltd
Langley Park Way, Langley Park,
Chippenham, Wiltshire, SN15 1GE.
Tel: +44 (0)1249 444524
Fax: +44 (0)1249 659448
E-mail: sales@ixysuk.com
IXYS Corporation
1590 Buckeye Drive
Milpitas CA 95035-7418
Tel: +1 (408) 457 9000
Fax: +1 (408) 496 0670
E-mail: sales@ixys.net
www.ixysuk.com
www.ixys.net
IXYS Long Beach
IXYS Long Beach, Inc
2500 Mira Mar Ave, Long Beach
CA 90815
Tel: +1 (562) 296 6584
Fax: +1 (562) 296 6585
E-mail: service@ixyslongbeach.com
The information contained herein is confidential and is protected by Copyright. The information may not be used or disclosed
except with the written permission of and in the manner permitted by the proprietors IXYS UK Westcode Ltd.
In the interest of product improvement, IXYS UK Westcode Ltd reserves the right to change specifications at any time without
prior notice.
Devices with a suffix code (2-letter, 3-letter or letter/digit/letter combination) added to their generic code are not necessarily
subject to the conditions and limits contained in this report.
© IXYS UK Westcode Ltd.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com