Electronic Components Datasheet Search
  English  ▼

X  

AS5170 Datasheet(PDF) 10 Page - ams AG

Part # AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Datasheet(HTML) 10 Page - ams AG

Back Button AS5170 Datasheet HTML 6Page - ams AG AS5170 Datasheet HTML 7Page - ams AG AS5170 Datasheet HTML 8Page - ams AG AS5170 Datasheet HTML 9Page - ams AG AS5170 Datasheet HTML 10Page - ams AG AS5170 Datasheet HTML 11Page - ams AG AS5170 Datasheet HTML 12Page - ams AG AS5170 Datasheet HTML 13Page - ams AG AS5170 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-01] 2016-Apr-11
AS5170 − Electrical Characteristics
Note(s):
1. For each code the ratiometricity error is defined as follows:
VOUTRATE=((VOUTact – (VOUTtyp*(VDDact/ VDDtyp)))/VDDtyp)*100
Where
- VOUTact is the actual output voltage
- VOUTtyp is the typical output voltage
- VDDact is the actual supply voltage
- VDDtyp is the typical supply voltage
Figure 13:
Electrical and Timing Characteristics PWM Output (AS5170B)
OSSRT
Output short-circuit
recovery time
25
20
ms
OLCH
Output level
clamping high
Output current at OUT pin -3 mA
96
%VDD
OLCL
Output level
clamping low
Output current at OUT pin 3 mA
4
%VDD
OSPSR
Output stage positive
step response (driver
only)
From 0 to 90%VDD, measured at
OUT pin, with RPUOUT = 4.7kΩ,
CLOAD = 1nF, VDD = 5V
250
μs
OSNSR
Output stage
negative step
response (driver only)
From VDD to 10%VDD, measured at
OUT pin, with RPUOUT = 4.7kΩ,
CLOAD = 1nF, VDD = 5V
250
μs
OSTD
Output stage
temperature drift
Of value at mid code, info parameter
not tested in production
-0.2
0.2
%
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PWMSSOCG
Short-circuit output
current
OUT = GND
5
10
20
mA
PWMSSOCV
Short-circuit output
current
OUT = VDD
-20
-10
-5
mA
PWMSSDT
PWM short-circuit
detection time
OUT = GND or OUT = VDD
5
PWM
clock
cycles
PWMSSRT
PWM short circuit
recovery time
6
PWM
clock
cycles
BKPWMVOH
PWM output voltage
high in broken
condition
Broken VDD or broken GND,
OUT = high, RPU = 10kΩ or
RPD = 10kΩ
00.4
V
BKPWMVOL
PWM output voltage
high in broken
condition
Broken VDD or broken GND,
OUT = low, RPU = 10kΩ or
RPD = 10kΩ
00.4
V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com