Electronic Components Datasheet Search
  English  ▼

X  

AS5170 Datasheet(PDF) 31 Page - ams AG

Part # AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Datasheet(HTML) 31 Page - ams AG

Back Button AS5170 Datasheet HTML 27Page - ams AG AS5170 Datasheet HTML 28Page - ams AG AS5170 Datasheet HTML 29Page - ams AG AS5170 Datasheet HTML 30Page - ams AG AS5170 Datasheet HTML 31Page - ams AG AS5170 Datasheet HTML 32Page - ams AG AS5170 Datasheet HTML 33Page - ams AG AS5170 Datasheet HTML 34Page - ams AG AS5170 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
ams Datasheet
Page 31
[v1-01] 2016-Apr-11
Document Feedback
AS5170 − Register Description
• For AS5170A readout failure: Comparison of the analog
output information versus the digital information of the
sensor. If the difference is too high output driver is kept in
high impedance. After a certain time this condition is
checked again.
The readout mechanism for AS5170A is defined by RDBCKDEB,
which set the maximum timeout period to wait before
triggering an error condition, according to the tables below.
Figure 41:
AS5170A Readout Mechanisms
Note(s):
1. 1 CORDIC cycle typ.:111
μs
1
1
112-120
RDBCKDEB02
RDBCKDEB01
RDBCKDEB00
CORDIC
Cycles(1)
Note
0
0
0
0
Analog Read Back disabled
00
1
1
01
0
2
01
1
4
10
0
8
10
1
16
11
0
32
11
1
64
PWMFTH
Delay (
μs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com