Electronic Components Datasheet Search
  English  ▼

X  

AS5170 Datasheet(PDF) 12 Page - ams AG

Part # AS5170
Description  Accurate angle measurement
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5170 Datasheet(HTML) 12 Page - ams AG

Back Button AS5170 Datasheet HTML 8Page - ams AG AS5170 Datasheet HTML 9Page - ams AG AS5170 Datasheet HTML 10Page - ams AG AS5170 Datasheet HTML 11Page - ams AG AS5170 Datasheet HTML 12Page - ams AG AS5170 Datasheet HTML 13Page - ams AG AS5170 Datasheet HTML 14Page - ams AG AS5170 Datasheet HTML 15Page - ams AG AS5170 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-01] 2016-Apr-11
AS5170 − Electrical Characteristics
Timing Characteristics
Figure 14:
Electrical and Timing Characteristics SENT Output (AS5170B)
Figure 15:
Electrical and Timing Characteristics UART Interface
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SENTSSOC
SENT short-circuit output
current
OUT = 20V
10
20
40
mA
SENTSSOC
SENT short-circuit output
current
OUT = 0V
-40
-20
-10
mA
BKSENTVOH
SENT output voltage in
broken condition
Broken VDD or broken GND,
RPU = 50kΩ, SENT
constantly high
01.2
V
SENTVOH
SENT output voltage
high
4.1
SENTVOL
SENT output voltage low
0.5
V
SENTFT
SENT fall time
6.5
μs
SENTRT
SENT rise time
18
μs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
UARTVIH
UART high level input voltage
70
%VDD
UARTVIL
UART low level input voltage
30
%VDD
UARTVOH
UART high level output voltage
VDD - 0.5V
%VDD
UARTVOH
UART low level output voltage
0.5
%VDD
UARTBRLIM
UART Baud rate
2400
9600
Baud



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com