Electronic Components Datasheet Search
  English  ▼

X  

MB9B520TA Datasheet(PDF) 49 Page - SPANSION

Part # MB9B520TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B520TA Datasheet(HTML) 49 Page - SPANSION

Back Button MB9B520TA Datasheet HTML 45Page - SPANSION MB9B520TA Datasheet HTML 46Page - SPANSION MB9B520TA Datasheet HTML 47Page - SPANSION MB9B520TA Datasheet HTML 48Page - SPANSION MB9B520TA Datasheet HTML 49Page - SPANSION MB9B520TA Datasheet HTML 50Page - SPANSION MB9B520TA Datasheet HTML 51Page - SPANSION MB9B520TA Datasheet HTML 52Page - SPANSION MB9B520TA Datasheet HTML 53Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 141 page
background image
D a t a S h e e t
46
MB9B520TA_DS706-00060-2v0-E, January 30, 2015
CONFIDENTIAL
Pin
function
Pin name
Function description
Pin No.
LQFP-176 LQFP-144 BGA-192
Multi
Function
Serial
8
SIN8_0
Multifunction serial interface ch.8
input pin
2
2
B2
SOT8_0
(SDA8_0)
Multifunction serial interface ch.6
output pin.
This pin operates as SOT8 when it is
used in a UART/CSIO/LIN
(operation modes 0 to 3) and as
SDA8 when it is used in an I
2C
(operation mode 4).
3
3
C2
SCK8_0
(SCL8_0)
Multifunction serial interface ch.7
clock I/O pin.
This pin operates as SCK8 when it is
used in a UART/CSIO (operation
modes 0 to 2) and as SCL8 when it is
used in an I
2C (operation mode 4).
4
4
C3
Multi
Function
Serial
9
SIN9_0
Multifunction serial interface ch.9
input pin
5
5
D5
SOT9_0
(SDA9_0)
Multifunction serial interface ch.9
output pin.
This pin operates as SOT9 when it is
used in a UART/CSIO/LIN
(operation modes 0 to 3) and as
SDA9 when it is used in an I
2C
(operation mode 4).
6
6
D2
SCK9_0
(SCL9_0)
Multifunction serial interface ch.9
clock I/O pin.
This pin operates as SCK9 when it is
used in a UART/CSIO (operation
modes 0 to 2) and as SCL9 when it is
used in an I
2C (operation mode 4).
7
7
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com