Electronic Components Datasheet Search
  English  ▼

X  

MB9B520TA Datasheet(PDF) 61 Page - SPANSION

Part # MB9B520TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B520TA Datasheet(HTML) 61 Page - SPANSION

Back Button MB9B520TA Datasheet HTML 57Page - SPANSION MB9B520TA Datasheet HTML 58Page - SPANSION MB9B520TA Datasheet HTML 59Page - SPANSION MB9B520TA Datasheet HTML 60Page - SPANSION MB9B520TA Datasheet HTML 61Page - SPANSION MB9B520TA Datasheet HTML 62Page - SPANSION MB9B520TA Datasheet HTML 63Page - SPANSION MB9B520TA Datasheet HTML 64Page - SPANSION MB9B520TA Datasheet HTML 65Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 141 page
background image
D a t a S h e e t
58
MB9B520TA_DS706-00060-2v0-E, January 30, 2015
CONFIDENTIAL
Type
Circuit
Remarks
I
P-ch
P-ch
N-ch
R
 CMOS level output
 CMOS level hysteresis input
 5V tolerant
 With pull-up resistor control
 With standby mode control
 Pull-up resistor
: Approximately 50 kΩ
 I
OH= -4 mA, IOL= 4 mA
 Available to control PZR
registers.
 When this pin is used as an
I
2C pin, the digital output
P-ch transistor is always off
J
CMOS level hysteresis input
K
UDP0/P81
UDM0/P80
Differential
It is possible to select the USB
I/O / GPIO function.
When the USB I/O is selected.
 Full-speed, Low-speed control
When the GPIO is selected.
 CMOS level output
 CMOS level hysteresis input
 With standby mode control
GPIO Digital output
GPIO Digital input/output direction
GPIO Digital input
GPIO Digital input circuit control
UDP output
USB Full-speed/Low-speed control
UDP input
Differential input
USB/GPIO select
UDM input
UDM output
USB Digital input/output direction
GPIO Digital output
GPIO Digital input/output direction
GPIO Digital input
GPIO Digital input circuit control
Digital output
Digital output
Pull-up resistor control
Digital input
Standby mode control
Mode input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com