Electronic Components Datasheet Search
  English  ▼

X  

MB9B520TA Datasheet(PDF) 82 Page - SPANSION

Part # MB9B520TA
Description  This document states the current technical specifications regarding
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B520TA Datasheet(HTML) 82 Page - SPANSION

Back Button MB9B520TA Datasheet HTML 78Page - SPANSION MB9B520TA Datasheet HTML 79Page - SPANSION MB9B520TA Datasheet HTML 80Page - SPANSION MB9B520TA Datasheet HTML 81Page - SPANSION MB9B520TA Datasheet HTML 82Page - SPANSION MB9B520TA Datasheet HTML 83Page - SPANSION MB9B520TA Datasheet HTML 84Page - SPANSION MB9B520TA Datasheet HTML 85Page - SPANSION MB9B520TA Datasheet HTML 86Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 141 page
background image
D a t a S h e e t
January 30, 2015, MB9B520TA_DS706-00060-2v0-E
79
CONFIDENTIAL
2.
Recommended Operating Conditions
(VSS = AVSS = 0.0V)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC
-
2.7*
4
5.5
V
Power supply voltage (3V power
supply) for USB
USBVCC
-
3.0
3.6
(≤ VCC)
V
*
1
2.7
5.5
(≤ VCC)
*
2
Analog power supply voltage
AVCC
-
2.7
5.5
V
AVCC = VCC
Analog reference voltage
AVRH
-
2.7
AVCC
V
AVRL
-
AVSS
AVSS
V
Smoothing capacitor
CS
-
1
10
μF
For built-in
Regulator*
3
Operating temperature
Ta
-
- 40
+ 105
°C
*1 : When P81/UDP0 and P80/UDM0 pins are used as USB (UDP0, UDM0).
*2 : When P81/UDP0 and P80/UDM0 pins are used as GPIO (P81, P80).
*3 : See "  C Pin" in "Handling Devices" for the connection of the smoothing capacitor.
*4 : In between less than the minimum power supply voltage and low voltage reset/interrupt detection voltage
or more, instruction execution and low voltage detection function by built-in High-speed CR(including
Main PLL is used) or built-in Low-speed CR is possible to operate only.
<WARNING>
The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device's electrical characteristics are warranted when the device is
operated under these conditions.
Any use of semiconductor devices will be under their recommended operating condition.
Operation under any conditions other than these conditions may adversely affect reliability of device and
could result in device failure.
No warranty is made with respect to any use, operating conditions or combinations not represented on this
data sheet. If you are considering application under any conditions other than listed herein, please contact
sales representatives beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com