Electronic Components Datasheet Search
  English  ▼

X  

MB9D560 Datasheet(PDF) 65 Page - SPANSION

Part # MB9D560
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9D560 Datasheet(HTML) 65 Page - SPANSION

Back Button MB9D560 Datasheet HTML 61Page - SPANSION MB9D560 Datasheet HTML 62Page - SPANSION MB9D560 Datasheet HTML 63Page - SPANSION MB9D560 Datasheet HTML 64Page - SPANSION MB9D560 Datasheet HTML 65Page - SPANSION MB9D560 Datasheet HTML 66Page - SPANSION MB9D560 Datasheet HTML 67Page - SPANSION MB9D560 Datasheet HTML 68Page - SPANSION MB9D560 Datasheet HTML 69Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 109 page
background image
D at aS he e t
64
MB9D560_DS708-00001-3v0-E, May 15, 2015
CONFIDENTIAL
(TA: Recommended operating conditions, VCC=5.0V±0.5V, VDD=1.2V±0.1V, VSS= AVSS= RVSS=0.0V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Input leakage
current
IIL
All input pin
VCC=AVCC=RVCC=5.5V
VSS < VI < VCC
-5
-
+5
µ
A
Pull-up
resistance
RUP1
RSTX, NMIX
-
25
-
100
kΩ
RUP2
P000 to P016,
P026,
P030 to P031,
P100 to P116,
P126, P131,
P200 to P231,
P300 to P306,
P309 to P330,
P406 to P423,
P425 to P431
When pull-up
resistance is selected
25
-
100
kΩ
Input capacitor
CIN
Other than
VCC, VSS,
AVCC, AVSS,
RVCC, RVSS
-
-
5
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com