Electronic Components Datasheet Search
  English  ▼

X  

MB9D560 Datasheet(PDF) 22 Page - SPANSION

Part # MB9D560
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9D560 Datasheet(HTML) 22 Page - SPANSION

Back Button MB9D560 Datasheet HTML 18Page - SPANSION MB9D560 Datasheet HTML 19Page - SPANSION MB9D560 Datasheet HTML 20Page - SPANSION MB9D560 Datasheet HTML 21Page - SPANSION MB9D560 Datasheet HTML 22Page - SPANSION MB9D560 Datasheet HTML 23Page - SPANSION MB9D560 Datasheet HTML 24Page - SPANSION MB9D560 Datasheet HTML 25Page - SPANSION MB9D560 Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
21
CONFIDENTIAL
Pin Number
Pin Name
I/O Circuit
Type
Functions
208 pin 176 pin
152
-
P421
SIN3
INT6
FRCK8
E
General-purpose I/O port
Multi-function serial interface ch.3 serial data input pin
INT6 external interrupt input pin
16-bit free-run timer ch.8 external clock input pin
153
-
P422
SOT3
FRCK9
IN13
E
General-purpose I/O port
Multi -function serial interface ch.3 serial data output pin
16-bit free-run timer ch.9 external clock input pin
16-bit input capture ch.13 external pulse input pin
154
-
P423
SCK3
FRCK10
IN14
E
General-purpose I/O port
Multi-function serial interface ch.3 clock I/O pin
16-bit free-run timer ch.10 external clock input pin
16-bit input capture ch.14 external pulse input pin
158
-
P425
TIOA8
E
General-purpose I/O port
Base timer ch.8 TIOA output pin
159
-
P426
TIOB8
E
General-purpose I/O port
Base timer ch.8 TIOB input pin
160
-
P427
TIOA9
E
General-purpose I/O port
Base timer ch.9 TIOA I/O pin
161
-
P428
TIOB9
E
General-purpose I/O port
Base timer ch.9 TIOB input pin
162
134
P429
MONCLK
MM
E
General-purpose I/O port
Clock monitor output pin
Clock supervisor main clock error detection output pin
163
135
P200
AN0
F
General-purpose I/O port
A/D converter analog 0 input pin
164
136
P201
AN1
F
General-purpose I/O port
A/D converter analog 1 input pin
165
137
P202
AN2
F
General-purpose I/O port
A/D converter analog 2 input pin
166
138
P203
AN3
F
General-purpose I/O port
A/D converter analog 3 input pin
167
139
P204
AN4
F
General-purpose I/O port
A/D converter analog 4 input pin
168
140
P205
AN5
F
General-purpose I/O port
A/D converter analog 5 input pin
169
141
P206
AN6
F
General-purpose I/O port
A/D converter analog 6 input pin
170
142
P207
AN7
F
General-purpose I/O port
A/D converter analog 7 input pin
173
145
P208
AN8
F
General-purpose I/O port
A/D converter analog 8 input pin
174
146
P209
AN9
F
General-purpose I/O port
A/D converter analog 9 input pin
175
147
P210
AN10
F
General-purpose I/O port
A/D converter analog 10 input pin
176
148
P211
AN11
F
General-purpose I/O port
A/D converter analog 11 input pin
177
149
P212
AN12
F
General-purpose I/O port
A/D converter analog 12 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com