Electronic Components Datasheet Search
  English  ▼

X  

MB9D560 Datasheet(PDF) 23 Page - SPANSION

Part # MB9D560
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9D560 Datasheet(HTML) 23 Page - SPANSION

Back Button MB9D560 Datasheet HTML 19Page - SPANSION MB9D560 Datasheet HTML 20Page - SPANSION MB9D560 Datasheet HTML 21Page - SPANSION MB9D560 Datasheet HTML 22Page - SPANSION MB9D560 Datasheet HTML 23Page - SPANSION MB9D560 Datasheet HTML 24Page - SPANSION MB9D560 Datasheet HTML 25Page - SPANSION MB9D560 Datasheet HTML 26Page - SPANSION MB9D560 Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 109 page
background image
D at aS he e t
22
MB9D560_DS708-00001-3v0-E, May 15, 2015
CONFIDENTIAL
Pin Number
Pin Name
I/O Circuit
Type
Functions
208 pin 176 pin
178
150
P213
AN13
F
General-purpose I/O port
A/D converter analog 13 input pin
179
151
P214
AN14
F
General-purpose I/O port
A/D converter analog 14 input pin
180
152
P215
AN15
F
General-purpose I/O port
A/D converter analog 15 input pin
185
157
P216
AN16
F
General-purpose I/O port
A/D converter analog 16 input pin
186
158
P217
AN17
F
General-purpose I/O port
A/D converter analog 17 input pin
187
159
P218
AN18
F
General-purpose I/O port
A/D converter analog 18 input pin
188
160
P219
AN19
F
General-purpose I/O port
A/D converter analog 19 input pin
189
161
P220
AN20
TIOA6
F
General-purpose I/O port
A/D converter analog 20 input pin
Base timer ch.6 TIOA output pin
190
162
P221
AN21
TIOB6
F
General-purpose I/O port
A/D converter analog 21 input pin
Base timer ch.6 TIOB input pin
191
163
P222
AN22
TIOA7
F
General-purpose I/O port
A/D converter analog 22 input pin
Base timer ch.7 TIOA I/O pin
192
164
P223
AN23
TIOB7
F
General-purpose I/O port
A/D converter analog 23 input pin
Base timer ch.7 TIOB input pin
195
167
P224
AN24
F
General-purpose I/O port
A/D converter Analog 24 input pin
196
168
P225
AN25
SIN4
INT7
F
General-purpose I/O port
A/D converter analog 25 input pin
Multi-function serial interface ch.4 serial data input pin
INT7 external interrupt input pin
197
169
P226
AN26
SOT4
IN0
F
General-purpose I/O port
A/D converter analog 26 input pin
Multi-function serial interface ch.4 serial data output pin
16-bit input capture ch.0 external pulse input pin
198
170
P227
AN27
SCK4
IN1
F
General-purpose I/O port
A/D converter analog 27 input pin
Multi-function serial interface ch.4 clock I/O pin
16-bit input capture ch.1 external pulse input pin
199
171
P228
AN28
SCS40
IN2
F
General-purpose I/O port
A/D converter analog 28 input pin
Multi-function serial interface ch.4 serial chip select 0 I/O pin
16-bit input capture ch.2 external pulse input pin
200
172
P229
AN29
SCS41
IN3
F
General-purpose I/O port
A/D converter analog 29 input pin
Multi-function serial interface ch.4 serial chip select 1 I/O pin
16-bit input capture ch.3 external pulse input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com