Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564MAE Datasheet(PDF) 76 Page - SPANSION

Part # MB9DF564MAE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564MAE Datasheet(HTML) 76 Page - SPANSION

Back Button MB9DF564MAE Datasheet HTML 72Page - SPANSION MB9DF564MAE Datasheet HTML 73Page - SPANSION MB9DF564MAE Datasheet HTML 74Page - SPANSION MB9DF564MAE Datasheet HTML 75Page - SPANSION MB9DF564MAE Datasheet HTML 76Page - SPANSION MB9DF564MAE Datasheet HTML 77Page - SPANSION MB9DF564MAE Datasheet HTML 78Page - SPANSION MB9DF564MAE Datasheet HTML 79Page - SPANSION MB9DF564MAE Datasheet HTML 80Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
75
CONFIDENTIAL
(5) Multi-Function Serial Interface
(5-1) CSIO Timing (SMR:MD[2:0]=0b010)
(5-1-1) Normal Synchronous Transfer (SCR:SPI=0) and Serial Clock Output Signal Detect Level "H"
(SMR:SCINV=0)
(TA: Recommended operating conditions, VCC=5.0V±0.5V, VDD=1.2V±0.1V, VSS=AVSS=RVSS=0.0V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Max
Serial clock cycle time
tSCYC
SCK0 to SCK4
Master mode
(CL=50pF,
IOL=-2mA, IOH=2mA),
(CL=20pF,
IOL=-1mA, IOH=1mA)
4tCLK_PERI1
-
ns
SCK↓→SOT
delay time
tSLOVI
SCK0 to SCK4,
SOT0 to SOT4
-30
+30
ns
Valid SIN→SCK↑
setup time
tIVSHI
SCK0 to SCK4,
SIN0 to SIN4
30
-
ns
SCK↑→Valid SIN
hold time
tSHIXI
0
-
ns
Serial clock "H" pulse
width
tSHSL
SCK0 to SCK4
Slave mode
(CL=50pF,
IOL=-2mA, IOH=2mA),
(CL=20pF,
IOL=-1mA, IOH=1mA)
tCLK_PERI1+10
-
ns
Serial clock "L" pulse
width
tSLSH
2tCLK_PERI1-10
-
ns
SCK↓→SOT
delay time
tSLOVE
SCK0 to SCK4,
SOT0 to SOT4
-
30
ns
Valid SIN→SCK↑
setup time
tIVSHE
SCK0 to SCK4,
SIN0 to SIN4
10
-
ns
SCK↑→Valid SIN
hold time
tSHIXE
20
-
ns
SCK fall time
tF
SCK0 to SCK4
-
5
ns
SCK rise time
tR
SCK0 to SCK4
-
5
ns
Transfer speed
-
-
CL=50pF,
IOL=-2mA, IOH=2mA
-
5
Mbps
-
-
CL=20pF,
IOL=-1mA, IOH=1mA
-
6
Mbps
Notes:
−
This is the AC characteristic in CLK synchronized mode.
−
CL is the load capacitance applied to pins during testing.
−
The maximum baud rate is limited by the internal operation clock used and other parameters.
See Hardware Manual for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com