Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564MAE Datasheet(PDF) 8 Page - SPANSION

Part # MB9DF564MAE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564MAE Datasheet(HTML) 8 Page - SPANSION

Back Button MB9DF564MAE Datasheet HTML 4Page - SPANSION MB9DF564MAE Datasheet HTML 5Page - SPANSION MB9DF564MAE Datasheet HTML 6Page - SPANSION MB9DF564MAE Datasheet HTML 7Page - SPANSION MB9DF564MAE Datasheet HTML 8Page - SPANSION MB9DF564MAE Datasheet HTML 9Page - SPANSION MB9DF564MAE Datasheet HTML 10Page - SPANSION MB9DF564MAE Datasheet HTML 11Page - SPANSION MB9DF564MAE Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
7
CONFIDENTIAL
Function
Description
Low-voltage detection (LVD)
−
Select voltage monitor
External low-voltage detection (5V power line monitor): 3.9V, 4.1V, 4.3V
Internal low-voltage detection (1.2V power line monitor): 0.9V
−
Internal low-voltage detection: always valid
−
External low-voltage detection: valid/invalid set
−
External low-voltage detection: set threshold voltage independently on RUN / PSS
−
Output when low-voltage detection
External low-voltage detection: reset or NMI
Internal low-voltage detection: reset
Main Flash memory
(TCFLASH)
−
Cortex-R5F ATCM connection
1 Main Flash memory as CPU 1 unit
−
HPM connection with 64-bit AXI
−
Flash memory configuration
Interleave with 64-bit Flash 2 units
−
2 address areas
TCM (read only)
AXI (read / write)
−
ECC support (SEC-DED)
−
Parallel programming support
−
Flash security
Work Flash memory
(WorkFLASH)
−
2 Work Flash memories
1 Work Flash memory as CPU 1 unit
−
ECC support (SEC-DED)
−
Parallel programming support
−
Flash security
Main SRAM (TCRAM)
−
BTCM connection of Cortex-R5F
1 main SRAM as CPU 1 unit
Interleave with 2 ports of B0TCM and B1TCM
−
ECC support (SEC-DED)
BootROM
−
Size: 16K byte
−
Boot operation support
−
Serial writer program support
DMA controller (DMAC)
−
16 channels
−
Transfer mode
Block transfer, Burst transfer
−
Addressing mode
Fixed, increment
−
Priority between channels
Fixed, Dynamic, Round robin
Interrupt control (IRC)
−
Support normal interrupt (IRQ) and non-maskable interrupt (NMI)
−
Normal interrupt (IRQ)
Use Interrupt Request (IRQ) of Cortex-R5F
512 channels
32 level for priority
−
Support low latency interrupt response from VIC port of Cortex-R5F
−
Non-maskable interrupt (NMI)
Use fast interrupt request (FIQ) of Cortex-R5F
32 channels
16 level for priority
−
Support software interrupt generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com