Electronic Components Datasheet Search
  English  ▼

X  

MB9DF564MAE Datasheet(PDF) 10 Page - SPANSION

Part # MB9DF564MAE
Description  This document states the current technical specifications regarding
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9DF564MAE Datasheet(HTML) 10 Page - SPANSION

Back Button MB9DF564MAE Datasheet HTML 6Page - SPANSION MB9DF564MAE Datasheet HTML 7Page - SPANSION MB9DF564MAE Datasheet HTML 8Page - SPANSION MB9DF564MAE Datasheet HTML 9Page - SPANSION MB9DF564MAE Datasheet HTML 10Page - SPANSION MB9DF564MAE Datasheet HTML 11Page - SPANSION MB9DF564MAE Datasheet HTML 12Page - SPANSION MB9DF564MAE Datasheet HTML 13Page - SPANSION MB9DF564MAE Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 109 page
background image
D at aS he e t
May 15, 2015, MB9D560_DS708-00001-3v0-E
9
CONFIDENTIAL
Function
Description
Waveform generator (WFG)
−
Generate variable output
Real time output
16-bit PPG waveform output
PPG uses 16-bit PPG timer of base timer
The relation is following
WFG(ch.0 to ch.5)
Base timer ch.0 → PPG0
Base timer ch.2 → PPG2
Base timer ch.4 → PPG4
WFG(ch.6 to ch.11)
Base timer ch.6 → PPG6
Base timer ch.8 → PPG8
Base timer ch.10 → PPG10
Non overlap three-phase waveform output (inverter control)
DC chopper waveform output
−
Dead time timer function
−
GATE function
−
DTTI function
A/D converter (ADC)
−
12-bit resolution A/D converter: 1 unit (32 channels)
−
Sampling analog value from input port of 32 channels
−
Conversion time: 1 µs
−
External trigger activation (ADTG)
−
Activation from internal timer (base timer)
4ch sample-hold A/D converter
−
12 bit resolution A/D converter: 2 units (8 channels )
Multi-function serial interface (MFS)
−
UART / CSIO / LIN interface (v2.1) communication available by selecting the function
−
Transmission FIFO: 64 Byte, reception FIFO: 64 Byte
−
Reception interrupt factor (3 types)
Reception error detection (parity, over run, frame error)
Reception to FIFO for data of setting value
Reception data under setting value in FIFO, idle term detection of over 8 clocks with baud rate clock
−
Transmission interrupt factor (2 types)
No transmission operation
Transmission FIFO empty (contain transmission operation)
−
SPI (serial peripheral interface) support
−
LIN protocol revision 2.1 support
Up/Down counter (UDC)
−
8/16-bit up/down counter (2 channels uses for R/D converter)
CAN interface
−
The CAN is based on the CAN protocol ver. 2.0A/B
−
64 message buffers x 3 channels
−
An identification mask is applied to each message object
−
Up to 1Mbps support
−
Clock support CAN prescaler
−
CAN wakeup functions
FlexRay controller
−
Supports FlexRay protocol specification v2.1
−
Maximum 128 message buffers
−
8K Byte message RAM
−
Variable length of message buffers
−
Each message buffer can be allocated as a part of reception buffer, transmission buffer or reception FIFO
−
Host access to the message buffer via input and output buffers
−
Filtering for slot counter, cycle counter and channels
−
Maskable interrupts are supported
R/D converter (RDC)
−
Connect to resolver interface
D/A converter (DAC)
−
10-bit resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com