Electronic Components Datasheet Search
  English  ▼

X  

RV-3049 Datasheet(PDF) 18 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 18 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 14Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 15Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 16Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 17Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 18Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 19Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 20Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 21Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 22Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
18/65
3.5. TIMER PAGE REGISTER FUNCTION
The Timer Page contains 2 registers forming a 16-bit count down timer value.
Countdown Timer Value (addresses 18h / 19h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
18h
Timer Low
128
64
32
16
8
4
2
1
19h
Timer High
128
64
32
16
8
4
2
1
Address
Symbol
Value
Description
18h
Timer Low
1 to 255
These bits hold the Low Countdown Timer Value in binary format
19h
Timer High
0 to 255
These bits hold the High Countdown Timer Value in binary format
3.6. TEMPERATURE PAGE REGISTER FUNCTION
The Temperature Page register contains the result of the measured temperature ranging from -60°C (=0d) to
+190°C (=250d) with 0°C corresponding to a content of =60d.
During read / write access, the content of the register Temperature is frozen in a cache memory to prevent faulty
reading.
When the Thermometer is disabled by ThE = “0” (bit 1 in register EEPROM_Control), the register Temperature at
address 20h can be externally written.
Temperature Value (address 20h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
20h
Temperature
128
64
32
16
8
4
2
1
Address
Symbol
Value
Description
20h
Temperature
-60 to
+194°C
These bits hold the Temperature Value coded in binary format
3.7. EEPROM DATA PAGE REGISTER FUNCTION
The EEPROM Data Page contains 2 non-volatile EEPROM registers for user’s application.
Please see section 4.3 EEPROM MEMORY ACCESS for detailed instructions how to handle EEPROM read / write
access.
User EEPROM Data Registers (addresses 28h / 29h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
28h
EEPROM User
128
64
32
16
8
4
2
1
29h
EEPROM User
128
64
32
16
8
4
2
1
Address
Symbol
Value
Description
28h
EEPROM User
0 to 255
EEPROM User Data (2 Bytes)
29h
EEPROM User
0 to 255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com