Electronic Components Datasheet Search
  English  ▼

X  

RV-3049 Datasheet(PDF) 50 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 50 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 46Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 47Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 48Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 49Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 50Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 51Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 52Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 53Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 54Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
50/65
6.2.2.SPI INTERFACE READ / WRITE EXAMPLES
Serial bus read example (reading the Seconds register address 08h and Minutes register address 09h)
b7
1
R / W
Page Address
Seconds data 11BCD
SCL
Minutes data 06BCD
b6
0
b5
0
b4
0
b3
1
b1
0
b0
0
b7
0
B6
0
b5
0
b3
0
b2
0
b1
0
b0
1
b7
0
b5
0
b4
0
b3
0
b2
1
b1
1
SDO
address
counter
b2
0
b4
1
b6
0
b0
0
0Ah
09h
08h
XX
SDI
CE
Register Address
Command Byte
08 Hex
Read
1
2
3
3
4
High Z
High Z
Data Byte
Data Byte
1
CE goes “High”:
transmission starts. SPI interface of the RV-3049 is enabled.
2
After sending Command Byte: the command byte sets the RV-3049 in “Read Mode”, the SDO pin
becomes active. The Page & Register address to 08h (Clock page;
Seconds register).
3
After reading Data Byte:
after transmission of every data byte, the register address is
automatically incremented.
4
CE goes “Low”:
transmission stops. SPI Interface of the RV-3049 is disabled, SDO
becomes High-Z.
Note:
In this example, the Seconds and Minutes registers are read. Pins SDI and SDO are not connected together; in this
configuration it is important that SDI pin is never left floating. It always must be driven either HIGH or LOW. If pin
SDI is left open, high IDD currents may result; short transition periods in the order of 200 ns will not cause any
problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com