Electronic Components Datasheet Search
  English  ▼

X  

RV-3049 Datasheet(PDF) 26 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 26 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 22Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 23Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 24Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 25Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 26Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 27Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 28Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 29Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 30Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
26/65
4.2.2.REGISTER RESET VALUES
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
Address
Hex
Bit 7 - 3
Bit 2 - 0
Control page
00000
000
00h
Control_1
1
0
0
1
1
0
0
1
001
01h
Control_INT
-
-
-
0
0
0
0
0
010
02h
Control_INT Flag
-
-
-
0
1)
0
0
0
0
011
03h
Control_Status
EEbusy
X
0
2)
0
3)
X
X
X
X
100
04h
Control_Reset
-
-
-
0
-
-
-
-
Clock page
00001
000
08h
Seconds
-
X
X
X
X
X
X
X
001
09h
Minutes
-
X
X
X
X
X
X
X
010
0Ah
Hours
-
X
X
X
X
X
X
X
011
0Bh
Days
-
-
X
X
X
X
X
X
100
0Ch
Weekdays
-
-
-
-
-
X
X
X
101
0Dh
Months
-
-
-
X
X
X
X
X
110
0Eh
Years
-
X
X
X
X
X
X
X
Alarm page
00010
000
10h
Second Alarm
AE_S
X
X
X
X
X
X
X
001
11h
Minute Alarm
AE_M
X
X
X
X
X
X
X
010
12h
Hour Alarm
AE_H
X
X
X
X
X
X
X
011
13h
Days Alarm
AE_D
-
X
X
X
X
X
X
100
14h
Weekday Alarm
AE_W
-
-
-
-
X
X
X
101
15h
Months Alarm
AE_M
-
-
X
X
X
X
X
110
16h
Year Alarm
AE_Y
X
X
X
X
X
X
X
Timer page
00011
000
18h
Timer Low
X
X
X
X
X
X
X
X
001
19h
Timer High
X
X
X
X
X
X
X
X
Temperature page
00100
000
20h
Temperature
X
X
X
X
X
X
X
X
EEPROM User
00101
000
28h
EEPROM User
2 bytes of EEPROM for user data
001
29h
EEPROM User
EEPROM Control page
00110
000
30h
EEPROM Contr.
0
4)
0
4)
0
4)
0
4)
0
4)
0
4)
1
4)
0
4)
001
31h
Xtal Offset
Factory setting: Xtal frequency deviation
010
32h
Xtal Coef
Factory setting: Xtal temperature coefficient
011
33h
Xtal T0
-
-
Factory setting: Xtal T0 temperature
RAM page
00111
000
38h
User RAM
8 bytes of RAM for user data
:
:
111
3Fh
– bits labelled as – are not implemented.
X bits labelled as X are undefined at power-up and unchanged by subsequent resets.
1) SRF flag (bit 4 in register Control_INT Flag) will be set = “1” after a Self Recovery System Reset was executed.
2) PON flag (bit 5 in register Control_Status) will be set = “1” after a Power On Reset was executed.
3) SR flag (bit 4 in register Control_Status) will be set = “1” after a System or Self recovery Reset was executed.
4) EEPROM Control default data are set by factory; data might be reprogrammed by customer and will remain unchanged during power down or
any Reset executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com