Electronic Components Datasheet Search
  English  ▼

X  

PI3PCIE3442 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3PCIE3442
Description  3.3V PCI Express 3.0 2-Lane Exchange Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PCIE3442 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI3PCIE3442 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
www.pericom.com
06/04/14
All trademarks are property of their respective owners.
PRELIMINARY INFORMATION - COMPANY CONFIDENTIAL
PI3PCIE3442
3.3V PCI Express® 3.0 2-Lane Exchange Switch
Dynamic Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Typ.(1)
Max.
Units
DDIL
Differential Insertion Loss
(VIN = -10dBm, DC = 0V)
f=1.2GHz
f=2.5GHz
f=4.0GHz
f=5.0GHz
f=7.5GHz
-0.8
-1.0
-1.3
-1.8
-4.5
-1.0
-1.2
-1.5
-2.0
-5.0
dB
DDILOFF
Differential Off Isolation
f= 4.0GHz
-19
dB
DDRL
Differential Return Loss
f= 0 to 2.8GHz
f= 2.8 to 5.0GHz
f= 5.0 to 8.0GHz
-26
-14
-7.5
dB
DDNEXT
Near End Crosstalk
f= 0 to 2.8GHz
f= 2.8 to 5.0GHz
f= 5.0 to 8.0GHz
-26
-20
-16
dB
VI F
Max Signal Frequency Range
Insertion loss 1.5dB,
VIN=0.623Vpp, DC=0V
4.0
GHz
Insertion loss 1.5dB,
VIN=0.623Vpp, DC=0.9V
4.0
Insertion loss 3dB,
VIN=0.623Vpp, DC=0V
8.0
Insertion loss 3dB,
VIN=0.623Vpp, DC=0.9V
8.0
BW
-3dB Bandwidth
6.5
GHz
Notes:
1.
Guaranteed by design. Typical values are at VDD = 3.3V , TA = 25°C ambient and maximum loading.
14-0088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com