Electronic Components Datasheet Search
  English  ▼

X  

PI3PCIE3442 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3PCIE3442
Description  3.3V PCI Express 3.0 2-Lane Exchange Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PCIE3442 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3PCIE3442 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
www.pericom.com
06/04/14
All trademarks are property of their respective owners.
PRELIMINARY INFORMATION - COMPANY CONFIDENTIAL
Features
Î
Î
8 Differential Channel (2-lane) Exchange
Î
Î
PCI Express® 3.0 performance, 8.0 Gbps
Î
Î
Bi-directional operation
Î
Î
Low Bit-to-Bit Skew: 10ps (between ± signals)
Î
Î
Low Crosstalk: -29dB @ 2.5GHz (5Gbps)
-20dB @ 4.0GHz (8Gbps)
Î
Î
Low Insertion Loss: -1.1dB @ 2.5GHz (5Gbps)
-1.45dB @ 4.0GHz (8Gbps)
Î
Î
VDD Operating Range: 3.3V ±10%
Î
Î
ESD Tolerance: 2kV HBM
Î
Î
Packaging (Pb-free & Green):
à
42-contact, TQFN (ZH42), 3.5x9mm.
à
40-contact, TQFN (ZL40), 3x6mm.
Description
Pericom semiconductor’s PI3PCIE3442 is a differential exchange
switch featuring pass-through pinout. It supports two full PCI
Express® lanes operating at 8.0Gbps PCIe® 3.0 performance.
With the select control input low, Port A connects to Port B, and
Port C connects to port D for an 8-channel differential pass-
though. When the select control input is high Port A connects
to Port D, and Port B connects to Port C.
Block Diagram
Application
Switching 4 lanes of DP1.2 from PC/Notebook/Tablet to Display
monitor
Truth Table
Function
SEL
OE#
Ax = Bx
Cx = Dx
0
0
Ax = Dx
Cx = Bx
1
0
Ax, Bx, Cx, Dx = Hi-Z (disconnect)
x
1
PI3PCIE3442
3.3V PCI Express® 3.0 2-Lane Exchange Switch
A0+
A0-
C0+
C0-
B0+
B0-
D0+
D0-
A1+
A1-
C1+
C1-
B1+
B1-
D1+
D1-
SEL
OE#
A2+
A2-
C2+
C2-
A3+
A3-
C3+
C3-
B2+
B2-
D2+
D2-
B3+
B3-
D3+
D3-
14-0088


Similar Part No. - PI3PCIE3442

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3PCIE3442A DIODES-PI3PCIE3442A Datasheet
1Mb / 14P
3.3V PCI Express® 3.0 2-Lane Exchange Switch
May 2019
PI3PCIE3442AZHEX DIODES-PI3PCIE3442AZHEX Datasheet
1Mb / 14P
3.3V PCI Express® 3.0 2-Lane Exchange Switch
May 2019
PI3PCIE3442AZLEX DIODES-PI3PCIE3442AZLEX Datasheet
1Mb / 14P
3.3V PCI Express® 3.0 2-Lane Exchange Switch
May 2019
More results

Similar Description - PI3PCIE3442

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89PES5T5 IDT-89PES5T5 Datasheet
437Kb / 26P
5-Lane 5-Port PCI Express Switch
logo
Pericom Semiconductor C...
PI2PCIE2442 PERICOM-PI2PCIE2442 Datasheet
950Kb / 8P
PCI Express 2.0, 2-lane Exchange Switch
PI3PCIE2215 PERICOM-PI3PCIE2215 Datasheet
409Kb / 10P
3.3V, PCI Express 1-lane, 2:1 Mux/DeMux Switch
PI3PCIE2415 PERICOM-PI3PCIE2415 Datasheet
916Kb / 9P
3.3V PCI Express 2.0, 2-Lane, 2:1 Mux/DeMux Switch
PI3PCIE3212 PERICOM-PI3PCIE3212 Datasheet
1Mb / 11P
3.3V, PCI Express 3.0, 1-Lane, 2-Channel, 8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
PI3PCIE3242 PERICOM-PI3PCIE3242 Datasheet
1,003Kb / 10P
3.3V PCI Express 3.0 4 Channel 2x2 Exchange Switch
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
PI3PCIE3422 PERICOM-PI3PCIE3422 Datasheet
791Kb / 9P
3.3V, PCI Express 3.0 2-Lane, (4-Channel), Differential Mux/Demux with Bypass
PI3PCIE3415 PERICOM-PI3PCIE3415_13 Datasheet
1Mb / 10P
3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch
logo
Diodes Incorporated
PI3PCIE3442A DIODES-PI3PCIE3442A Datasheet
1Mb / 14P
3.3V PCI Express® 3.0 2-Lane Exchange Switch
May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com