Electronic Components Datasheet Search
  English  ▼

X  

PI3PCIE3442 Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI3PCIE3442
Description  3.3V PCI Express 3.0 2-Lane Exchange Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PCIE3442 Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI3PCIE3442 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
www.pericom.com
06/04/14
All trademarks are property of their respective owners.
PRELIMINARY INFORMATION - COMPANY CONFIDENTIAL
PI3PCIE3442
3.3V PCI Express® 3.0 2-Lane Exchange Switch
Switch Positions
Test
Switch
tPLZ, tPZL
3.0V
tPHZ, tPZH
GND
Prop Delay
Open
Switching Waveforms
Voltage Waveforms Enable and Disable Times
tPLZ
VDD/2
VDD/2
VDD
VOH
0V
VOL
0.75V
0.75V
tPHZ
tPZL
tPZH
Output 1
Output 2
VOL
VOH
SEL
VOL + 0.15V
VOL - 0.15V
RT
4pF
CL
VDD
VIN
VOUT
200-ohm
200-ohm
3.0V
Pulse
Generator
D.U.T
Test Circuit for Electrical Characteristics(1-5)
Notes:
1.
CL = Load capacitance: includes jig and probe capacitance.
2.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator
3.
Output 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
output 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
4.
All input impulses are supplied by generators having the following characteristics: PRR ≤ MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
5.
The outputs are measured one at a time with one transition per measurement.
14-0088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com