Electronic Components Datasheet Search
  English  ▼

X  

PI5A3166 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI5A3166
Description  Low Voltage SPST 0.8(ohm) Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3166 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI5A3166 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-09-0003
PT0444-1
09/23/15
7
PI5A3166
Low Voltage SPST 0.8Ω Analog Switch
Figure 6. Bandwidth
Figure 7. Harmonic Distortion
Signal
Generator
B
A
S
GND
VCC
VCC
10nF
Analyzer
600Ω
Logic Input
0Vor VIH
Signal
Generator
B
A
S
GND
VCC
VCC
10nF
Analyzer
50Ω
Logic Input
0Vor VIH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com