Electronic Components Datasheet Search
  English  ▼

X  

PI5A3166 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5A3166
Description  Low Voltage SPST 0.8(ohm) Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3166 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5A3166 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-09-0003
PT0444-1
09/23/15
3
PI5A3166
Low Voltage SPST 0.8Ω Analog Switch
DC Electrical Characteristics
(TA = –40°C to 85°C, unless otherwise noted.)
Parameter
Description
Test Conditions
Supply Voltage
Min
Typ
Max
Units
V
IAR
Analog Input Signal Range
-
VCC
0
-
VCC
V
R
ON
ON Resistance
(1)
IA = 100mA, VB = 0V
4.5V
-
0.7
1.1
IA = 100mA, VB= 2.4V
-
0.6
1.0
IA = 100mA, VB = 4.5V
-
0.8
1.2
IA = 100mA, VB = 0V
3.0V
-
0.8
1.3
IA = 100mA, VB = 3.0V
-
0.9
1.9
IA = 100mA, VB = 0V
2.3V
-
1.0
1.5
IA = 100mA, VB = 2.3V
-
1.2
1.8
IA = 100mA, VB = 0V
1.65V
-
1.3
1.9
IA = 100mA, VB = 1.65V
-
2.0
2.8
R
ONF
ON Resistance Flatness
(2)
IA = 100mA, VB = 0V,2.4V,4.5V
4.5V
-
0.2
0.4
IA = 100mA, VB = 0V,1.5V,3.3V
3.3V
-
0.2
0.4
IA = 100mA, VB = 0V,1.1V,2.5V
2.5V
-
0.4
0.6
IA = 100mA, VB = 0V, 0.7V, 1.8V
1.8V
-
1.0
1.4
V
IH
Input High Voltage
Logic High Level
VCC = 1.65V
1
-
-
V
VCC = 2.3V
1.2
-
-
VCC = 3V
1.3
-
-
VCC = 4.2V
1.5
-
-
VCC = 5.5V
1.8
-
-
V
IL
Input Low Voltage
Logic Low Level
VCC = 1.65V
-
-
0.4
V
VCC = 2.3V
-
-
0.6
VCC = 3V
-
-
0.8
VCC = 4.2V
-
-
1
VCC = 5.5V
-
-
1.2
IOFF (B)
Source Off Leakage
Current
VCC=5.5V, VA =1V, 4.5V
VB =1V, 4.5V
VCC = 3V
-20
-
+20
nA
INC(A, B)
Channel On Leakage
Current
-
VCC = 1.65 to
5.5V
-40
-
+40
IPWROFF
Input Leakage Current for
Power off
0≤V
A≤5.5V
0≤V
B≤5.5V
VCC =0V
-5
-
5
µA
I
CC
Quiescent Supply Current
All channels ON or OFF,
VB = VCC or GND, IOUT=0
VCC = 3.6V
-
0.002
0.1
µA
VCC = 5.5V
-
0.002
0.1
Notes:
1. Measured by voltage drop between A and B pins at the indicated current through the device. ON resistance is determined by the lower
of the voltages on two ports (A or B).
2. Flatness is defined as difference between maximum and minimum value of ON resistance over the specified range of conditions.
Guaranteed by design.
Capacitance
(1)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
CIN
Control Input
VCC = 5.0V, f =1 MHz, TA=25°C
-
3.5
-
pF
CIO-B
For B Port, Switch OFF
-
15.0
-
CIOA-ON
For A Port, Switch ON
-
34.0
-
Notes:
1. Capacitance is characterized but not tested in production



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com