Electronic Components Datasheet Search
  English  ▼

X  

PI5A3166 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5A3166
Description  Low Voltage SPST 0.8(ohm) Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3166 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5A3166 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A3166 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Low Voltage SPST 0.8Ω Analog Switch
2015-09-0003
PT0444-1
09/23/15
1
PI5A3166
Features
CMOS Technology for Bus and Analog
Applications
Low On-Resistance: 0.8Ω at 3.0V
Wide VCC Range: 1.65V to 5.5V
Rail-to-Rail Signal Range
Control Input Overvoltage Tolerance: 5.5V
Fast Transition Speed: 2ns at 5.0V
High Bandwidth: 200MHz
Extended Industrial Temperature Range:
-40°C to 85°C
I/O pins Has Power-off Protection Function
Packaging (Pb-free & Green):
-5-pin SOT23
-5-pin SC70
Applications
Cell Phones
PDAs
Portable Instrumentation
Battery powered Communications
Computer Peripherals
Description
The PI5A3166 is a high-bandwidth, fast single-pole
single-throw (SPST) CMOS switch. It can be used as an
analog switch or as a low-delay bus switch. The device
features ultra low RON of 0.8Ω typical at 3.0V VCC
and will operate over the wide VCC range of 1.65V to
5.5V.
The PI5A3166 features very low quiescent current even
when the control voltage is lower than the VCC supply.
This feature services the mobile handset applications
very well by allowing direct interface with baseband
processor general purpose I/Os.
The control input, S, is independent of supply voltage.
Pin Assignment
Pin Description
Pin No
Pin Name
Description
1
B
Data Port
2
A
Common Output/Data Port
3
GND
Ground
4
S
Logic Control
5
VCC
Positive Power Supply
Logic Function Table
Logic Input(S)
Function(A to B)
0
OFF
1
ON
SOT23 and SC70 Package (Top View)
1
2
3
4
5
B
A
GND
S
VCC


Similar Part No. - PI5A3166

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3167C PERICOM-PI5A3167C Datasheet
538Kb / 9P
Low Voltage SPST 0.8(ohm) Analog Switch
PI5A3167CCEX PERICOM-PI5A3167CCEX Datasheet
538Kb / 9P
Low Voltage SPST 0.8(ohm) Analog Switch
PI5A3167CTAEX PERICOM-PI5A3167CTAEX Datasheet
538Kb / 9P
Low Voltage SPST 0.8(ohm) Analog Switch
More results

Similar Description - PI5A3166

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2741 VISHAY-DG2741 Datasheet
102Kb / 7P
Low-Voltage, 0.8-ohm rON, Dual SPST Analog Switch
29-Dec-03
logo
ams AG
AS1741 AMSCO-AS1741 Datasheet
293Kb / 15P
High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
logo
Vishay Siliconix
DG2747 VISHAY-DG2747_09 Datasheet
155Kb / 9P
0.4-ohm, Low Voltage, Dual SPST Analog Switch
09-Mar-09
logo
Pericom Semiconductor C...
PI5A3167C PERICOM-PI5A3167C Datasheet
538Kb / 9P
Low Voltage SPST 0.8(ohm) Analog Switch
PI5A4157 PERICOM-PI5A4157 Datasheet
511Kb / 10P
Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A23159 PERICOM-PI5A23159 Datasheet
375Kb / 8P
Low Voltage Dual SPDT 0.8(ohm) Analog Switch
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157_14 Datasheet
285Kb / 10P
0.8(OHM) Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA1156 ONSEMI-FSA1156 Datasheet
1Mb / 13P
Low-Voltage SPST Analog Switch
January 2016 Rev. 1.9
logo
Vishay Siliconix
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
Low-Voltage, 0.8 Ω RON, Dual SPST Analog Switch
28-Feb-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com