Electronic Components Datasheet Search
  English  ▼

X  

RT4723 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT4723
Description  Built-in Soft-Start
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4723 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT4723 Datasheet HTML 1Page - Richtek Technology Corporation RT4723 Datasheet HTML 2Page - Richtek Technology Corporation RT4723 Datasheet HTML 3Page - Richtek Technology Corporation RT4723 Datasheet HTML 4Page - Richtek Technology Corporation RT4723 Datasheet HTML 5Page - Richtek Technology Corporation RT4723 Datasheet HTML 6Page - Richtek Technology Corporation RT4723 Datasheet HTML 7Page - Richtek Technology Corporation RT4723 Datasheet HTML 8Page - Richtek Technology Corporation RT4723 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT4723
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4723-00
April
2016
4
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage VIN Pin-------------------------------------------------------------------------------------0.3V to 6V
Output voltage VOP Pin -------------------------------------------------------------------------------------------
0.3V to 6V
Output voltage VON Pin -------------------------------------------------------------------------------------------
6V to 0.3V
Others pin to GND --------------------------------------------------------------------------------------------------
0.3V to 6V
Power Dissipation, PD @ TA = 25°C
WL-CSP-15B 1.39x2.07 (BSC) ---------------------------------------------------------------------------------2W
Package Thermal Resistance (Note 2)
WL-CSP-15B 1.39x2.07 (BSC),
JA ---------------------------------------------------------------------------49.8°C/W
Lead Temperature (Soldering, 10 sec.) -----------------------------------------------------------------------260
C
Junction Temperature ---------------------------------------------------------------------------------------------150
C
Storage Temperature Range ------------------------------------------------------------------------------------
65C to 150C
ESD Susceptibility (Note 3)
HBM (Human Body Model) --------------------------------------------------------------------------------------2kV
MM (Machine Model) ---------------------------------------------------------------------------------------------200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage Range----------------------------------------------------------------------------------------
2.5V to 4.6V
Positive Output Voltage----------------------------------------------------------------------------------------------
4.6V
Negative Output Voltage Range -----------------------------------------------------------------------------------
2.4V to 0.6V
Ambient Temperature Range---------------------------------------------------------------------------------------
40C to 85C
Junction Temperature Range --------------------------------------------------------------------------------------
40C to 125C
Electrical Characteristics
(VIN = 3.7V, VOP = 4.6V, VON = 2.4V, CIN = 4.7F, CBOOST = COP = 10F, CON = 20F, CF1 = 1F, L1 = 2.2H, TA = 25°C,
unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply
Input Voltage Range
VIN
2.5
--
4.6
V
Under Voltage Lockout
Threshold Voltage
VUVLO_H
VIN Rising
--
2.2
2.5
V
VUVLO_L
VIN Falling
--
2.1
2.3
V
Over-temperature Protection
TOTP
(Note 5)
--
140
--
C
Over-temperature Protection
Hysteresis
TOTP_HYST
(Note 5)
--
15
--
C
Shutdown Current
ISHDN
SWIRE = 0V
--
--
1
A
Efficiency Peak 1
Eff_1
IOP = ION = 1mA
--
58
--
%
Efficiency Peak 2
Eff_2
IOP = ION = 5mA
--
75
--
%
Efficiency Peak 3
Eff_3
IOP = ION = 15mA
--
83
--
%
LDO Output
Positive Output Voltage Range
VOP
--
4.6
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com