Electronic Components Datasheet Search
  English  ▼

X  

RT4723 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT4723
Description  Built-in Soft-Start
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4723 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT4723 Datasheet HTML 4Page - Richtek Technology Corporation RT4723 Datasheet HTML 5Page - Richtek Technology Corporation RT4723 Datasheet HTML 6Page - Richtek Technology Corporation RT4723 Datasheet HTML 7Page - Richtek Technology Corporation RT4723 Datasheet HTML 8Page - Richtek Technology Corporation RT4723 Datasheet HTML 9Page - Richtek Technology Corporation RT4723 Datasheet HTML 10Page - Richtek Technology Corporation RT4723 Datasheet HTML 11Page - Richtek Technology Corporation RT4723 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
RT4723
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4723-00
April
2016
8
Table 2. VON Output Voltage with SWIRE Pulse
Pulse
VON(V)
0
2.4 (default)
1
2.4
2
2.3
3
2.2
4
2.1
5
2.0
6
1.9
7
1.8
8
1.7
9
1.6
10
1.5
11
1.4
12
1.3
13
1.2
14
1.1
15
1.0
16
0.9
17
0.8
18
0.7
19
0.6
20
0
Table 3. VOP/VON Shutdown Discharge Selection with SWIRE Pulse
Pulse
Discharge
21
Enable
Once pulse 21 received on SWIRE pin, the RT4723 will enable the discharge function to discharge the VOP/VON
outputs for 20ms and then enter high impedance state when fault or power-off condition. The discharge function
is default disabled and outputs keep high impedance state when fault or power-off condition .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com