Electronic Components Datasheet Search
  English  ▼

X  

RT4723 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT4723
Description  Built-in Soft-Start
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4723 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT4723 Datasheet HTML 1Page - Richtek Technology Corporation RT4723 Datasheet HTML 2Page - Richtek Technology Corporation RT4723 Datasheet HTML 3Page - Richtek Technology Corporation RT4723 Datasheet HTML 4Page - Richtek Technology Corporation RT4723 Datasheet HTML 5Page - Richtek Technology Corporation RT4723 Datasheet HTML 6Page - Richtek Technology Corporation RT4723 Datasheet HTML 7Page - Richtek Technology Corporation RT4723 Datasheet HTML 8Page - Richtek Technology Corporation RT4723 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT4723
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4723-00
April
2016
www.richtek.com
1
Dual Output AMOLED Bias
General Description
The RT4723 is a highly integrated Boost, LDO and
inverting charge pump to generate positive and
negative output voltage. The negative output voltages
can be adjusted from
0.6V to 2.4V with 100mV steps
by SWIRE interface protocol. The part maintains the
highest efficiency by utilizing a
0.33x/0.5x mode
fractional charge pump with automatic mode transition.
With its input voltage range of 2.5V to 4.6V, RT4723 is
optimized for products powered by single-cell battery
and the output current up to 30mA. The RT4723 is
available in WL-CSP-15B 1.39x2.07 (BSC) package to
achieve optimized solution for PCB space.
Ordering Information
Package Type
WSC : WL-CSP-15B 1.39x2.07 (BSC)
RT4723
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for
use in
SnPb
or
Pb-free soldering
processes.
Features
2.5V to 4.6V Supply Voltage Range
Single Wire Protocol
Fixed 4.6V Positive Voltage Output
Negative Voltage Output from
0.6V to 2.4V per
0.1V by SWIRE Pin
Auto-Mode Transition of
0.33x/0.5x Charge
Pump
Built-in Soft-Start
30mA Maximum Output Current
Programmable Output Fast Discharge Function
High Impedance Output when IC Shutdown
UVLO, OCP, SCP, OTP Protection
Shutdown Current < 1
A
Available in 15-Ball WL-CSP Package
Applications
AMOLED Bias in Portable Device
Marking Information
36 : Product Code
W : Date Code
36W
Simplified Application Circuit
BOOST
L1
PGND
VIN
LXP
SWIRE
VOP
VON
C1P
RT4723
GND
CIN
VIN
CBOOST
VOP
COP
VON
CON
C1N
CF1
C2P
C2N
CF2


Similar Part No. - RT4723

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4723P RICHTEK-RT4723P Datasheet
1Mb / 16P
Dual Output AMOLED Bias
RT4723PWSC RICHTEK-RT4723PWSC Datasheet
1Mb / 16P
Dual Output AMOLED Bias
More results

Similar Description - RT4723

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2068FJ-M ROHM-BD2068FJ-M Datasheet
1Mb / 25P
Soft-Start Circuit
logo
Unisonic Technologies
LR1965G-XX-SH2-R UTC-LR1965G-XX-SH2-R Datasheet
157Kb / 4P
Built-in Soft-Start Limits Inrush Current
UD05121G-AF5-R UTC-UD05121G-AF5-R Datasheet
243Kb / 7P
Build-in soft start function
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
Soft start valve
3/31/22
529818 FESTO-529818 Datasheet
83Kb / 1P
Soft start valve
3/31/22
531992 FESTO-531992 Datasheet
84Kb / 1P
Soft start valve
3/31/22
542566 FESTO-542566 Datasheet
86Kb / 2P
Soft start valve
3/31/22
542569 FESTO-542569 Datasheet
85Kb / 2P
Soft start valve
3/31/22
532049 FESTO-532049 Datasheet
86Kb / 2P
Soft start valve
4/1/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com