Electronic Components Datasheet Search
  English  ▼

X  

RF2374 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2374
Description  3V LOW NOISE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2374 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2374 Datasheet HTML 7Page - RF Micro Devices RF2374 Datasheet HTML 8Page - RF Micro Devices RF2374 Datasheet HTML 9Page - RF Micro Devices RF2374 Datasheet HTML 10Page - RF Micro Devices RF2374 Datasheet HTML 11Page - RF Micro Devices RF2374 Datasheet HTML 12Page - RF Micro Devices RF2374 Datasheet HTML 13Page - RF Micro Devices RF2374 Datasheet HTML 14Page - RF Micro Devices RF2374 Datasheet HTML 15Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12 of 15
RF2374
DS140519
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
WiMAX Data
Gain @ WiMAX Band in High Gain Mode
VCC=3.0V and VREF=3.0V Over Temp
6.0
8.0
10.0
12.0
14.0
16.0
18.0
3100.0 3200.0 3300.0 3400.0 3500.0 3600.0 3700.0 3800.0
Frequency (MHz)
Gain @ -40°C
Gain @ 25°C
Gain @ 85°C
Gain @ WiMAX Band in Bypass Mode
VCC=3.0V and VREF=3.0V Over Temp
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
3100.0 3200.0 3300.0 3400.0 3500.0 3600.0 3700.0 3800.0
Frequency (MHz)
Gain @ -40°C
Gain @ 25°C
Gain @ 85°C
Noise Figure @ WiMAX Band in High Gain Mode
VCC=3.0V and VREF=3.0V Over Temp
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
3100.0 3200.0 3300.0 3400.0 3500.0 3600.0 3700.0 3800.0
Frequency (MHz)
NF @ -40°C
NF @ 25°C
NF @ 85°C
IIP3 @ WiMAX Band in High Gain Mode
VCC=3.0V and VREF=3.0V Over Temp
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
3100.0 3200.0 3300.0 3400.0 3500.0 3600.0 3700.0 3800.0
Frequency (MHz)
IIP3 @ -40°C
IIP3 @ 25°C
IIP3 @ 85°C
IIP3 @ WiMAX Band in Bypass Mode
VCC=3.0V and VREF=3.0V Over Temp
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
3100.0 3200.0 3300.0 3400.0 3500.0 3600.0 3700.0 3800.0
Frequency (MHz)
IIP3 @ -40°C
IIP3 @ 25°C
IIP3 @ 85°C
ICC + IREF @ WiMAX Band in High Gain Mode
VCC=3.0V and VREF=3.0V Over Temp
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
3100.0 3200.0 3300.0 3400.0 3500.0 3600.0 3700.0 3800.0
Frequency (MHz)
ICC + IREF @ -40°C
ICC + IREF @ 25°C
ICC + IREF @ 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com