Electronic Components Datasheet Search
  English  ▼

X  

RF2374 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2374
Description  3V LOW NOISE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2374 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2374 Datasheet HTML 2Page - RF Micro Devices RF2374 Datasheet HTML 3Page - RF Micro Devices RF2374 Datasheet HTML 4Page - RF Micro Devices RF2374 Datasheet HTML 5Page - RF Micro Devices RF2374 Datasheet HTML 6Page - RF Micro Devices RF2374 Datasheet HTML 7Page - RF Micro Devices RF2374 Datasheet HTML 8Page - RF Micro Devices RF2374 Datasheet HTML 9Page - RF Micro Devices RF2374 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6 of 15
RF2374
DS140519
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
WiFi (2.4GHz to 2.5GHz)
Evaluation Board Schematic
GPS/PCS (1.5GHz to 2.2GHz)
1
2
3
4
6
5
8
7
C1
22 nF
J1
RF IN
R1
1.8 k
Ω
VREF
GAIN SELECT
L1
1.5 nH
C2
DNP
C3
1.0 pF
J2
RF OUT
C4
100 pF
C5
10 nF
VCC
P1-1
VCC
P1-4
VREF
P1-3
GAIN SELECT
GND
P1
1
2
3
4
CON4
50
Ω μstrip
50
Ω μstrip
1
2
3
4
6
5
8
7
C1
22 nF
J1
RF IN
R1
1.8 k
Ω
VREF
GAIN SELECT
L1
3.3 nH
C2
DNP
C3
1.8 pF
J2
RF OUT
C4
100 pF
C5
10 nF
P1-1
VCC
P1-4
VREF
P1-3
GAIN SELECT
GND
P1
1
2
3
4
CON4
50
Ω μstrip
50
Ω μstrip
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com