Electronic Components Datasheet Search
  English  ▼

X  

RF2374 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2374
Description  3V LOW NOISE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2374 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2374 Datasheet HTML 1Page - RF Micro Devices RF2374 Datasheet HTML 2Page - RF Micro Devices RF2374 Datasheet HTML 3Page - RF Micro Devices RF2374 Datasheet HTML 4Page - RF Micro Devices RF2374 Datasheet HTML 5Page - RF Micro Devices RF2374 Datasheet HTML 6Page - RF Micro Devices RF2374 Datasheet HTML 7Page - RF Micro Devices RF2374 Datasheet HTML 8Page - RF Micro Devices RF2374 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5 of 15
RF2374
DS140519
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
1RF IN
RF input pin. This part is designed such that 50
Ω is the optimal source
impedance for best noise figure. Best noise figure is achieved with only a
series capacitor on the input.
2GND1
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
3VREF
For low noise amplifier applications, this pin is used to control the bias cur-
rent. An external resistor can be used to set the bias current for any VBIAS
voltage. This device will have good gain and noise figure with ICC as low as
3mA.
4GAIN SELECT This pin selects high gain and bypass modes.
Gain Select<0.8V, high gain.
Gain Select>1.6V, low gain.
5GND2
See GND1.
6RF OUT
Amplifier output pin. This pin is an open-collector output. It must be biased
to VCC through a choke or matching inductor.
7NC
Not connected.
8NC
Not connected.
Pkg
Gnd
GND
This pad should be connected to the ground plane by vias directly under
the device.
RF IN
RF OUT
To Bias
Circuit
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com