Electronic Components Datasheet Search
  English  ▼

X  

PPR-1U Datasheet(PDF) 3 Page - CUI INC

Part # PPR-1U
Description  RACK ACCESSORY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PPR-1U Datasheet(HTML) 3 Page - CUI INC

  PPR-1U Datasheet HTML 1Page - CUI INC PPR-1U Datasheet HTML 2Page - CUI INC PPR-1U Datasheet HTML 3Page - CUI INC PPR-1U Datasheet HTML 4Page - CUI INC PPR-1U Datasheet HTML 5Page - CUI INC PPR-1U Datasheet HTML 6Page - CUI INC PPR-1U Datasheet HTML 7Page - CUI INC PPR-1U Datasheet HTML 8Page - CUI INC PPR-1U Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
cui.com
date 11/20/2015
│ page 3 of 11
CUI Inc
│ SERIES: PPR-1U │ DESCRIPTION: RACK ACCESSORY
POWER SHELF (CONTINUED)
PPR-1U & PPR-1U-B Output Terminal Block Configuration (Single Output, Configuration A)
All 4 power modules wired in parallel inside the power shelf, 6 kW available from each output terminal block set
PPR-1U-A & PPR-1U-C Output Terminal Block Configuration (Dual Output)
Each terminal block wired to 2 power modules, 6 kW available from each output
PPR-1U-D & PPR-1U-E Output Terminal Block Configuration (Single Output, Configuration B)
All 4 power modules wired in parallel inside the power shelf, 6 kW available from each output terminal block set
+
-
+
-
+
-
+
-
+
+
-
-
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com