Electronic Components Datasheet Search
  English  ▼

X  

PPR-1U Datasheet(PDF) 1 Page - CUI INC

Part # PPR-1U
Description  RACK ACCESSORY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PPR-1U Datasheet(HTML) 1 Page - CUI INC

  PPR-1U Datasheet HTML 1Page - CUI INC PPR-1U Datasheet HTML 2Page - CUI INC PPR-1U Datasheet HTML 3Page - CUI INC PPR-1U Datasheet HTML 4Page - CUI INC PPR-1U Datasheet HTML 5Page - CUI INC PPR-1U Datasheet HTML 6Page - CUI INC PPR-1U Datasheet HTML 7Page - CUI INC PPR-1U Datasheet HTML 8Page - CUI INC PPR-1U Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
cui.com
date 11/20/2015
page 1 of 11
SERIES: PPR-1U
│ DESCRIPTION: RACK ACCESSORY
MODEL1
output
voltage1
airflow
direction
output
configuration2
output power
(max)
(Vdc)
110 Vin
(W)
220 Vin
(W)
PPR-1U
48 or 54
front to back
single output,
configuration A
6,000
12,000
PPR-1U-A
48 or 54
front to back
dual output
6,000
12,000
PPR-1U-B
48 or 54
back to front
single output,
configuration A
5,400
12,000
PPR-1U-C
48 or 54
back to front
dual output
5,400
12,000
PPR-1U-D
48 or 54
front to back
single output,
configuration B
6,000
12,000
PPR-1U-E
48 or 54
back to front
single output,
configuration B
5,400
12,000
Notes:
1. Rack assembly requires (4) PSE-3000-48 or PSE-3000-54 units (sold separately). Refer to the PSE-3000 datasheet for specification details.
2. See page 3 for configuration details.
3. All specifications measured at: Ta=25°C and 220 Vac input voltage unless otherwise specified.
PART NUMBER KEY
Base Number
PPR-1U - X
Rack Configuration
“blank” = Front to Back Airflow, All Parallel, Single Output, A
A = Front to Back Airflow, Dual Output
B = Back to Front Airflow, All parallel, Single Output, A
C = Back to Front Airflow, Dual Output
D = Front to Back Airflow, All Parallel, Single Output, B
E = Back to Front Airflow, All Parallel, Single Output, B
FEATURES
• up to 12,000 W continuous power
• operation from a wide range AC input
(90~260 Vac) incoming (Line-Neutral) AC
source on a per module basis
• 19” four slot power shelf
• 48 or 54 Vdc output voltage (from PSE-3000
modules)
• single or dual output configurations
• integral forced cooling, from internal fans
housed within the power modules
• front to back & back to front airflow versions
• 3.3 Vdc (2 A) standby voltage
• redundant (N+1) operation
• blind mate connections for hot-swap
• adjustable mounting brackets
• racks can share with on additional rack in a
master slave arrangement
• EMI filtering of the AC input directly in line
with the IEC 320 inlet connetors to meet
Class A performance
• user accessible dip-switch for setting master
or slave shelf
rth
Americ
a
UV
Rheinla
C
US
For more information, please visit the product page.


Similar Part No. - PPR-1U

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PPR EDI-PPR Datasheet
53Kb / 2P
FAST RECOVERY SINGLE-PHASE FULL WAVE BRIDGE 5.0 AMPERES HEAT SINK MOUNTING 2.0 AMPERES FOR P.C. BOARD MOUNTING
logo
Illinois Capacitor, Inc...
PPR ILLINOISCAPACITOR-PPR Datasheet
343Kb / 3P
High Pulse Currents - High voltage
logo
ABL Aluminium Component...
PPR ABL-PPR Datasheet
749Kb / 6P
HEATSINK SELECTION
logo
Kemet Corporation
PPR ENG KIT 01 KEMET-PPR ENG KIT 01 Datasheet
101Kb / 1P
Metallized Impregnated Paper Capacitors
PPR ENG KIT 02 KEMET-PPR ENG KIT 02 Datasheet
100Kb / 1P
Metallized Impregnated Paper Capacitors
More results

Similar Description - PPR-1U

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8927301ZAC ZILOG-Z8927301ZAC Datasheet
155Kb / 4P
Z89273 ACCESSORY KIT
Z8927302ZAC ZILOG-Z8927302ZAC Datasheet
145Kb / 4P
Z89273 ACCESSORY KIT
Z8937100ZAC ZILOG-Z8937100ZAC Datasheet
149Kb / 4P
Z89371 ACCESSORY KIT
logo
Tyco Electronics
1EBF1 MACOM-1EBF1 Datasheet
475Kb / 2P
Accessory Outlet Filter
1EBF1 MACOM-1EBF1_11 Datasheet
185Kb / 3P
Accessory Outlet Filter
logo
Ledil, Inc.
F16453 LEDIL-F16453 Datasheet
1Mb / 4P
Linnea Accessory
logo
Harris Corporation
HA-TF-30-520 HARRIS-HA-TF-30-520 Datasheet
81Kb / 2P
TUNABLE FILTER ACCESSORY
logo
Mallory Sonalert Produc...
22MMPLUG-4 MSPI-22MMPLUG-4 Datasheet
42Kb / 1P
Sonalert Accessory Drawing
logo
Pepperl+Fuchs Inc.
VOS-LE-C-16MM PF-VOS-LE-C-16MM Datasheet
761Kb / 2P
Accessory camera lens
VOS-LE-C-35MM PF-VOS-LE-C-35MM Datasheet
689Kb / 2P
Accessory camera lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com