Electronic Components Datasheet Search
  English  ▼

X  

PPR-1U Datasheet(PDF) 8 Page - CUI INC

Part # PPR-1U
Description  RACK ACCESSORY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PPR-1U Datasheet(HTML) 8 Page - CUI INC

Back Button PPR-1U Datasheet HTML 3Page - CUI INC PPR-1U Datasheet HTML 4Page - CUI INC PPR-1U Datasheet HTML 5Page - CUI INC PPR-1U Datasheet HTML 6Page - CUI INC PPR-1U Datasheet HTML 7Page - CUI INC PPR-1U Datasheet HTML 8Page - CUI INC PPR-1U Datasheet HTML 9Page - CUI INC PPR-1U Datasheet HTML 10Page - CUI INC PPR-1U Datasheet HTML 11Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
cui.com
date 11/20/2015
│ page 8 of 11
CUI Inc
│ SERIES: PPR-1U │ DESCRIPTION: RACK ACCESSORY
CONNECTIONS (CONTINUED)
Connector - Pin#
Signal Name
Function
1 (lower position)
+3.3 STANDBY
+3.3 VDC +VE Output
2 (upper position) +3.3 STANDBY RTN +3.3 VDC –VE Output
Standby Output Connections
V Standby Output Connector, Mating Connector Molex 39-01-2020, terminals 39-00-0038
Signal Interface Connections (System to Shelf; Shelf to Shelf):
The shelf signals are provided with a 9 Pin female D-SUB connector for system communication and another 9 Pin female
D-SUB connector for shelf to shelf communication:
DC Output Cable Connection
The Output and Return Cables (#2 AWG wire on 1/4” stud - not provided) connected to output studs provided at the rear
of the power shelf as shown below.
D-SUB 9 pin
System to Shelf
Shelf to Shelf
SDA
1
Yes
Yes
SCL
2
Yes
Yes
Not used
3
--
--
Vpgm
4
Yes
Yes
Vpgm Return
5
Yes
Yes
Digital Return
6
Yes
Yes
SMB Alert
7
Yes
Yes
Not used
8
--
--
I-Share
9
Yes
Yes
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com