Electronic Components Datasheet Search
  English  ▼

X  

9388 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 9388
Description  300V Power-Limited Tray Cables ??Overview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9388 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 9388 Datasheet HTML 14Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 15Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 16Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 17Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 18Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 19Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 20Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 21Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.61
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
600V Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Pairs/
Triads
Lbs.
kg
Inch
mm
14 AWG Pairs Stranded (42x30) Tinned Copper Conductors • Twisted Pairs
Unshielded • PVC/Nylon Insulation • Black PVC Jacket
9488
1
E2
1000
304.8
77.0
34.9
.048
1.22
.359
9.12
107
476
3.75
95.25
Overall Beldfoil® Shield (100% Coverage) • PVC/Nylon Insulation • Black PVC Jacket
9343
1
E2
500
152.4
42.5
19.1
.048
1.22
.358
9.09
160
712
3.75
95.25
1000
304.8
86.0
39.0
14 AWG Pairs Stranded (7x22) Bare Copper Conductors • Twisted Pairs
Overall Beldfoil Shield (100% Coverage) • PVC/Nylon Insulation • Black PVC Jacket (See chart below for other options)
3080A
1
E1
Bulk*
Bulk*
—
—
.048
1.22
.342
8.69
160
712
3.50
88.90
14 AWG Triads Stranded (7x22) Bare Copper Conductors • Twisted Triads
Overall Beldfoil Shield (100% Coverage) • PVC/Nylon Insulation • Black PVC Jacket (See chart below for other options)
3081A
1
E1
Bulk*
Bulk*
—
—
.048
1.22
.361
9.17
200
890
3.50
88.90
E1, E2 = Refer to Technical Information section for color code.
Alternate color coding available upon request.
*Bulk = Check length available for specific construction.
Rip Cord
Rip Cord
Drain Wire
Rip Cord
Drain Wire
Rip Cord
Drain Wire
Conductor, Insulation and Jacket Options**
Bare
Tinned
Insulation/Jacket
AB
PVC-Nylon/PVC
CD
XLPE/PVC
EF
FRPO/PVC
GH
XLPE/TPE
KL
TPE/TPE
MN
PVC-Nylon/Oil Res II
QR
XLPE/CPE
ST
XLPE/Haloarrest®
**For 1000 and 3000 Series cables only.
NEC: TC, NPLF
ICEA S-73-532
ICEA S-61-402
ICEA T-29-520
FT4/IEEE 1202/383
NEC: TC, NPLF
ICEA S-73-532
ICEA S-61-402
ICEA T-29-520
FT4/IEEE 1202/383
NEC: TC, NPLF
ICEA S-73-532
ICEA S-61-402
ICEA T-29-520
FT4/IEEE 1202/383
NEC: TC, NPLF
ICEA S-73-532
ICEA S-61-402
ICEA T-29-520
FT4/IEEE 1202/383
1234
A
E
Start
Add or
Add for
with
replace
Exposed
Part
letter code Run rating
No.
for desired if desired
conductor,
insulation & jacket
To Specify:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com