Electronic Components Datasheet Search
  English  ▼

X  

9388 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 9388
Description  300V Power-Limited Tray Cables ??Overview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9388 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 9388 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
UL Instrumentation Cable
300V Power-Limited Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.48
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
18 AWG Triads Stranded (19x30) Tinned Copper Conductors • Twisted Triads
Unshielded • PVC Insulation • Chrome PVC Jacket
9493
1
E1
U-500
U-152.4
20.0
9.1
.037
.94
.242
6.15
62
276
2.25
57.15
U-1000
U-304.8
38.0
17.2
Overall Beldfoil® Shield (100% Coverage) • PVC Insulation • Chrome PVC Jacket
9365
1
E1
U-500
U-152.4
22.0
10.0
.037
.94
.245
6.22
74
329
2.50
63.50
U-1000
U-304.8
43.0
19.5
18 AWG Triads Stranded (7x26) Bare Copper Conductors • Twisted Triads
Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Black PVC Jacket (See chart below for other options)
1036A
1
E1
1000
304.8
43.0
19.5
.037
.94
.236
5.99
90
400
2.40
60.96
10000 †
3048.0
430.0
195.1
3027A
2
E1
Bulk ††
Bulk
—
—
.055
1.40
.420
10.67
165
734
4.25
107.95
3030A
4
E1
Bulk ††
Bulk
—
—
.055
1.40
.521
13.20
240
1068
4.50
114.30
3032A
8
E1
Bulk ††
Bulk
—
—
.064
1.63
.580
14.70
501
2229
5.75
146.05
3036A
16
E1
Bulk ††
Bulk
—
—
.077
1.96
.900
22.86
1050
4671
9.00
228.60
3038A
24
E1
Bulk ††
Bulk
—
—
.077
1.96
1.020
25.91
1450
6450
10.25
260.35
Individually Shielded + Overall Beldfoil (100% Coverage) • PVC Insulation • Black PVC Jacket (Other options below)
3028A
2
E1
Bulk ††
Bulk
—
—
.055
1.40
.450
11.43
175
779
4.50
114.30
3031A
4
E1
Bulk ††
Bulk
—
—
.053
1.35
.533
13.50
255
1134
5.25
133.35
3033A
8
E1
Bulk ††
Bulk
—
—
.064
1.63
.654
16.50
560
2491
6.50
165.10
3068A
12
E1
Bulk ††
Bulk
—
—
.063
1.60
.840
21.30
800
3559
8.50
215.90
3037A
16
E1
Bulk ††
Bulk
—
—
.074
1.88
.974
24.70
1320
5872
10.50
266.70
3039A
24
E1
Bulk ††
Bulk
—
—
.074
1.88
1.200
30.50
1620
7207
11.25
285.75
E1 = Refer to Technical Information section for color code.
Alternate color coding available upon request.
Multiple pair or triad cables have each pair/triad numbered for ease of identification.
†Final put-up length may vary ±10% from length shown.
††Bulk = Check length available for specific construction.
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Triads
Lbs.
kg
Inch
mm
Rip Cord
Rip Cord
Drain Wire
Drain Wire
Drain Wires
Rip Cord
Rip Cord
Communication Wire
Communication Wire
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
Conductor, Insulation and Jacket Options**
Bare
Tinned
Insulation/Jacket
AB
PVC/PVC
CD
XLPE/PVC
KL
TPE/TPE
QR
XLPE/CPE
ST
XLPE/Haloarrest®
**For 1000 and 3000 Series cables only.
1234
A
E
Start
Add or
Add for
with
replace
Exposed
Part
letter code Run rating
No.
for desired if desired
conductor,
insulation & jacket
To Specify:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com