Electronic Components Datasheet Search
  English  ▼

X  

9388 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 9388
Description  300V Power-Limited Tray Cables ??Overview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9388 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  9388 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9388 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.43
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
300V Power-Limited Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
22 AWG Pairs Stranded (7x30) Tinned Copper Conductors • Twisted Pairs
Individually Shielded • PVC Insulation • Chrome PVC Jacket
9328
2
E2
500
152.4
23.5
10.2
.042
1.07
.323
8.20
54
240
3.00
76.20
1000
304.8
46.0
20.9
9329
3
E2
500
152.4
29.5
13.4
.042
1.07
.341
8.66
54
240
3.50
88.90
1000
304.8
60.0
27.3
9330
4
E2
500
152.4
39.0
17.7
.042
1.07
.372
9.45
110
489
3.50
88.90
1000
304.8
75.0
34.0
9331
6
E2
500
152.4
55.0
24.5
.053
1.35
.457
11.61
101
449
4.33
109.98
1000
304.8
111.0
50.4
9332
9
E2
500
152.4
75.0
34.1
.053
1.35
.530
13.46
160
711
5.00
127.00
1000
304.8
145.0
65.9
9333
11
E2
500
152.4
89.0
40.5
.053
1.35
.592
15.04
160
711
5.50
139.70
1000
304.8
177.0
80.5
9335
19
E2
500
152.4
141.5
64.3
.063
1.60
.711
18.06
264
1174
6.50
165.10
1000
304.8
287.0
130.5
22 AWG Pairs Stranded (7x30) Bare Copper Conductors* • Twisted Pairs
Individually Shielded + Overall Beldfoil® Shield (100% Coverage) • PVC Insulation • PVC Jacket (Black or Chrome)
3001A
†
2
E1
Bulk††
Bulk
—
—
.042
1.07
.324
8.23
54
240
3.25
82.55
3005A
†
4
E1
Bulk††
Bulk
—
—
.043
1.09
.360
9.14
115
511
3.50
88.90
3007A
†
8
E1
Bulk††
Bulk
—
—
.053
1.35
.497
12.62
250
1112
5.25
133.35
3009A
†
12
E1
Bulk††
Bulk
—
—
.053
1.35
.570
14.48
300
1334
5.75
146.05
3011A
†
16
E1
Bulk††
Bulk
—
—
.064
1.63
.674
17.12
350
1557
6.25
158.75
3013A
†
24
E1
Bulk††
Bulk
—
—
.065
1.65
.800
20.32
540
2402
8.00
203.20
3015A
†
50
E1
Bulk††
Bulk
—
—
.075
1.91
1.050
26.67
1330
5916
10.50
266.70
22 AWG Triads Stranded (7x30) Tinned Copper Conductors • Twisted Triads
Unshielded • PVC Insulation • Chrome PVC Jacket
9491
1
E1
U-500
U-152.4
12.5
5.7
.037
.94
.208
5.28
29
129
2.00
50.80
U-1000
U-304.8
23.0
10.4
Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Chrome PVC Jacket
9363
1
E1
U-500
U-152.4
13.5
6.1
.037
.94
.208
5.28
29
129
2.00
50.80
U-1000
U-304.8
26.0
11.8
22 AWG Triads Stranded (7x30) Bare Copper Conductors* • Twisted Triads
Overall Beldfoil Shield (100% Coverage) • PVC Insulation • PVC Jacket (Black or Chrome)
3002A
2
E1
Bulk††
Bulk
—
—
.043
1.09
.330
8.38
62
275
3.50
88.90
Individually Shielded + Overall Beldfoil Shield (100% Coverage) • PVC Insulation • PVC Jacket (Black or Chrome)
3003A
2
E1
Bulk††
Bulk
—
—
.043
1.09
.330
8.38
82
364
3.25
82.55
*For tinned copper conductors, order with B suffix.
E1, E2 = Refer to Technical Information section for color code. Alternate color coding available upon request.
†For Exposed Run rated 3000 series cables, order with “E” suffix, e.g. 3001AE.
Multiple pair or triad cables have each pair/triad numbered for ease of identification.
††Bulk = Check length available for specific construction.
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Pairs/
Triads
Lbs.
kg
Inch
mm
Rip Cord
Rip Cord
Rip Cord
Rip Cord
Communication Wire
Rip Cord
Communication
Wire
Drain Wires
Drain Wires
Drain Wire
Drain Wire
Rip Cord
Communication
Wire
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
Drain Wires
For Exposed Run rated cable, order 3003AE
For Exposed Run rated cable, order 3002AE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com