Electronic Components Datasheet Search
  English  ▼

X  

ADA4571 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4571
Description  Integrated AMR Angle Sensor and Signal Conditioner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571 Datasheet(HTML) 1 Page - Analog Devices

  ADA4571 Datasheet HTML 1Page - Analog Devices ADA4571 Datasheet HTML 2Page - Analog Devices ADA4571 Datasheet HTML 3Page - Analog Devices ADA4571 Datasheet HTML 4Page - Analog Devices ADA4571 Datasheet HTML 5Page - Analog Devices ADA4571 Datasheet HTML 6Page - Analog Devices ADA4571 Datasheet HTML 7Page - Analog Devices ADA4571 Datasheet HTML 8Page - Analog Devices ADA4571 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Integrated AMR Angle Sensor and
Signal Conditioner
Data Sheet
ADA4571
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High precision 180° angle sensor
Maximum angular error of 0.5°
Analog sine and cosine outputs
Ratiometric output voltages
Low thermal and lifetime drift
SAR or Σ-Δ analog-to-digital converter (ADC) drive capable
Magnetoresistive (MR) bridge temperature compensation mode
Temperature range: −40°C to +150°C
EMI resistant
Fault diagnostics
VDD from 2.7 V to 5.5 V
Minimum phase delay
Qualified for automotive applications
Available in an 8-lead SOIC package
APPLICATIONS
Absolute position measurement (linear and angle)
Brushless dc motor control and positioning
Actuator control and positioning
Contactless angular measurement and detection
Magnetic angular position sensing
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADA4571 is an anisotropic magnetoresistive (AMR) sensor
with integrated signal conditioning amplifiers and ADC drivers.
The ADA4571 produces two analog outputs that indicate the
angular position of the surrounding magnetic field.
The ADA4571 consists of two die within one package, an AMR
sensor, and a fixed gain (G = 40 nominally) instrumentation
amplifier. The ADA4571 delivers clean and amplified cosine
and sine output signals related to the angle of a rotating
magnetic field. The output voltage range is ratiometric to the
supply voltage.
The sensor contains two Wheatstone bridges, at a relative angle
of 45° to one another. A rotating magnetic field in the x-y
sensor plane delivers two sinusoidal output signals with the
double frequency of the angle (α) between sensor and magnetic
field direction. Within a homogeneous field in the x-y plane,
the output signals are independent of the physical placement in
the z direction (air gap).
The ADA4571 is available in an 8-lead SOIC package.
COMPANION PRODUCTS
ADCs: AD7265, AD7266, AD7866, AD7902
Microconverter: ADuCM360
Current Sense Amplifier: AD8418A
Voltage Regulator Design Tool: ADIsimPower
Additional companion products on the ADA4571 product page
PRODUCT HIGHLIGHTS
1.
Contactless angular measurement.
2.
Measures magnetic field direction rather than field intensity.
3.
Minimum sensitivity to air gap variations.
4.
Large working distance.
5.
Excellent accuracy, even for weak saturation fields.
6.
Minimal thermal and lifetime drift.
7.
Negligible hysteresis.
8.
Single chip solution.
ADA4571
EMI
FILTER
EMI
FILTER
+
G = 40
+
–
–
G= 40
DRIVER
DRIVER
AMR BRIDGE
SENSORS
TEMPERATURE SENSOR
BRIDGE DRIVER
BIAS
OSCILLATOR
FAULT DETECTION
VTEMP
GC
VSIN
VCOS
PD
GND
GND
VDD


Similar Part No. - ADA4571

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4571 AD-ADA4571 Datasheet
847Kb / 13P
Customer supplied 6 V to 12 V bench supply
Rev. 0
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
ADA4571-2 AD-ADA4571-2 Datasheet
443Kb / 9P
Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
ADA4571-2WHRZ-RL AD-ADA4571-2WHRZ-RL Datasheet
258Kb / 13P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
ADA4571R-EBZ AD-ADA4571R-EBZ Datasheet
847Kb / 13P
Customer supplied 6 V to 12 V bench supply
Rev. 0
More results

Similar Description - ADA4571

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
Sensor Signal Conditioner
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
Analog Devices
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
AMR Angle Sensor
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
SENSOR SIGNAL CONDITIONER
logo
Analog Devices
ADA4570 AD-ADA4570 Datasheet
1Mb / 14P
Integrated AMR Angle Sensor and Signal Conditioner with Differential Outputs
7/2021-Revision 0
EVAL-ADA4571-2 AD-EVAL-ADA4571-2 Datasheet
443Kb / 9P
Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
ADAF1080 AD-ADAF1080 Datasheet
1Mb / 36P
Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
Rev. 0
logo
MultiDimension Technolo...
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
AMR3013P AMR Angle Sensor
Ver. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com