Electronic Components Datasheet Search
  English  ▼

X  

ADA4571 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4571
Description  Integrated AMR Angle Sensor and Signal Conditioner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4571 Datasheet HTML 7Page - Analog Devices ADA4571 Datasheet HTML 8Page - Analog Devices ADA4571 Datasheet HTML 9Page - Analog Devices ADA4571 Datasheet HTML 10Page - Analog Devices ADA4571 Datasheet HTML 11Page - Analog Devices ADA4571 Datasheet HTML 12Page - Analog Devices ADA4571 Datasheet HTML 13Page - Analog Devices ADA4571 Datasheet HTML 14Page - Analog Devices ADA4571 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet
ADA4571
Rev. 0 | Page 11 of 21
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Figure 15. Single Point Calibration Angular Error, VDD = 2.7 V, GC = On
Figure 16. Single Point Calibration Angular Error, VDD = 2.7 V, GC = Off
Figure 17. Supply Current (ISY) vs. Voltage (VDD), T = 25°C
Figure 18. Supply Current (ISY) vs. Temperature, VDD = 5 V
Figure 19. Supply Current (ISY) vs. Temperature, VDD = 3 V
Figure 20. Power-Down Current (IPD) vs. Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
–40
0
40
80
120
TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
–40
0
40
80
120
TEMPERATURE (°C)
3
4
5
6
7
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VDD (V)
TEMPERATURE (°C)
4.6
4.8
5.0
5.2
5.4
5.6
5.8
–40
0
40
80
120
GC OFF (mA)
GC ON (mA)
TEMPERATURE (°C)
–40
0
40
80
120
3.6
3.8
4.0
4.2
4.4
4.6
GC OFF (mA)
GC ON (mA)
0
2
4
6
8
10
TEMPERATURE (°C)
–40
0
40
80
120
5V
3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com