Electronic Components Datasheet Search
  English  ▼

X  

ADA4571 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4571
Description  Integrated AMR Angle Sensor and Signal Conditioner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4571 Datasheet HTML 13Page - Analog Devices ADA4571 Datasheet HTML 14Page - Analog Devices ADA4571 Datasheet HTML 15Page - Analog Devices ADA4571 Datasheet HTML 16Page - Analog Devices ADA4571 Datasheet HTML 17Page - Analog Devices ADA4571 Datasheet HTML 18Page - Analog Devices ADA4571 Datasheet HTML 19Page - Analog Devices ADA4571 Datasheet HTML 20Page - Analog Devices ADA4571 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Data Sheet
ADA4571
Rev. 0 | Page 17 of 21
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Figure 29. Typical Application Diagram with Separate Processor and Data Conversion
Power Consumption
Worst case quiescent power occurs when the supply current
runs at its specified maximum of 7 mA and the ADA4571 is run
at the maximum VDD of 5.5 V, giving a worst case quiescent
power of 38.5 mW.
The power consumption is dependent on VDD, temperature,
load resistance (RL), load capacitance (CL), and frequency of the
rotating magnetic field. It is recommended to refer RL and CL to
ground. The output voltages are protected against short circuit
to the VDD pin or ground by current limitation within the
given time duration. Placing the device 180° rotated into the
socket may lead to damages if the supply current is not limited
to 100 mA.
Offset of Signal Outputs
The single-ended output signals are referenced to VDD/2
generated internally on-chip. Offsets originate from matching
inaccuracies and other imperfections during the production
process. For tight tolerances, it is required to match the external
loads for VSIN and VCOS to each other. For ESD and EMC
protection, the outputs contain a series resistance of 50 Ω. The
influence of this series resistance is minimized with a large
output load resistance.
Signal Dependence on Air Gap Distance
The IC measures the direction of the external magnetic field
within its x-y plane. The result is widely independent of the
field strength as long as it is above the specified minimum value
of 25 kA/m. Within a homogeneous field in x-y direction, the
result is independent of its placement in z direction (air gap).
The nominal z distance of the internal x-y plane to the top
surface of the plastic package is 0.400 mm.
ADA4571
EMI
FILTER
EMI
FILTER
+
G = 40
+
–
–
G = 40
DRIVER
DRIVER
AMR BRIDGE
SENSORS
TEMPERATURE SENSOR
BRIDGE DRIVER
BIAS
OSCILLATOR
FAULT DETECTION
VTEMP
GC
VSIN
VCOS
PD
GND
GND
VDD
VDD
RLO4
CLO4
Σ-Δ
ADC
MICROPROCESSOR
VDD
CLO2
RLO2
CLO3
RLO3
CLO1
RLO1
Σ-Δ
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com