Electronic Components Datasheet Search
  English  ▼

X  

APA6003 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APA6003
Description  15W Stereo Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA6003 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APA6003 Datasheet HTML 10Page - Anpec Electronics Coropration APA6003 Datasheet HTML 11Page - Anpec Electronics Coropration APA6003 Datasheet HTML 12Page - Anpec Electronics Coropration APA6003 Datasheet HTML 13Page - Anpec Electronics Coropration APA6003 Datasheet HTML 14Page - Anpec Electronics Coropration APA6003 Datasheet HTML 15Page - Anpec Electronics Coropration APA6003 Datasheet HTML 16Page - Anpec Electronics Coropration APA6003 Datasheet HTML 17Page - Anpec Electronics Coropration APA6003 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. P.1 - Sep., 2015
www.anpec.com.tw
14
APA6003
Application Information (Cont.)
Output Low-Pass Filter (cont.)
Figure 4 and Figure 5 are examples for added the LC
filter (Butterworth), it
’s recommended for the situation that
the trace form amplifier to speaker is too long, and needs
to eliminate the radiated emission or EMI.
Figure 4. Typical LC Output Filter, Cutoff Frequency of
27 kHz, Speaker Impedance = 8
Ω
1
µF
1
µF
33
µH
33
µH
OUTN
OUTP
8
Ω
2.2
µF
2.2
µF
15
µH
15
µH
OUTN
OUTP
4
Ω
Figure 5. Typical LC Output Filter, Cutoff Frequency of
27 kHz, Speaker Impedance = 4
Ω
BSN and BSP Capactiors
Layout Recommendation
The APA6003 can be used with a small, inexpensive fer-
rite bead output filter for most applications. However,
since the Class-D switching edges are fast, it is neces-
sary to take care when planning the layout of the printed
circuit board. The following suggestions will help to meet
EMC requirements.
1. The high frequency decoupling capacitors should be
placed as close to the PVDD and AVDD terminals as
possible. Large (100
µF or greater) bulk power supply
decoupling capacitors should be placed near the
APA6003 on the LPVDD and RPVDD supplies. Local, high-
frequency bypass capacitors should be placed as close
to the PVDD pins as possible. These caps can be con-
nected to the thermal pad directly for an excellent ground
connection. Consider adding a small, good quality low
ESR ceramic capacitor between 1000pF and 10nF and a
larger mid-frequency cap of value between 0.1
µF and
1
µF also of good quality to the PVDD connections at each
end of the chip.
2. Keep the current loop from each of the outputs through
the ferrite bead and the small filter cap and back to PGND
as small and tight as possible. The size of this current
loop determines its effectiveness as an antenna.
3. Grounding - The AVDD (pin 7) decoupling capacitor
should be grounded to analog ground (AGND). The PVDD
decoupling capacitors should connect to PGND. Analog
ground and power ground should be connected at the
thermal pad, which should be used as a central ground
connection or star ground for the APA6003.
4. Output filter - The ferrite EMI filter (Figure 3) should be
placed as close to the output terminals as possible for
the best EMI performance. The LC filter (Figure 4 and
Figure 5) should be placed close to the outputs. The ca-
pacitors used in both the ferrite and LC filters should be
grounded to power ground.
The full H-bridge output stages use only NMOS
transistors. Therefore, they require bootstrap capacitors
for the high side of each output to turn on correctly. A 0.
22
µF ceramic capacitor, rated for at least 25 V, must be
connected from each output to its corresponding boot-
strap input. Specifically, one 0.22
µF capacitor must be
connected from OUTP to BSP, and one 0.22
µF capacitor
must be connected from OUTN to BSN.
The bootstrap capacitors connected between the BSP or
BSN pins and corresponding output function as a float-
ing power supply for the high-side N-channel power
MOSFET gate drive circuitry.
During each high-side switching cycle, the bootstrap ca-
pacitors hold the gate-to-source voltage high enough to
keep the high-side MOSFETs turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com