Electronic Components Datasheet Search
  English  ▼

X  

APA6003 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA6003
Description  15W Stereo Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA6003 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA6003 Datasheet HTML 1Page - Anpec Electronics Coropration APA6003 Datasheet HTML 2Page - Anpec Electronics Coropration APA6003 Datasheet HTML 3Page - Anpec Electronics Coropration APA6003 Datasheet HTML 4Page - Anpec Electronics Coropration APA6003 Datasheet HTML 5Page - Anpec Electronics Coropration APA6003 Datasheet HTML 6Page - Anpec Electronics Coropration APA6003 Datasheet HTML 7Page - Anpec Electronics Coropration APA6003 Datasheet HTML 8Page - Anpec Electronics Coropration APA6003 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. P.1 - Sep., 2015
www.anpec.com.tw
2
APA6003
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Pin Configuration
APA6003
Package Code
R: TSSOP-28P
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
Assembly Material
Handling Code
Temperature Range
Package Code
APA6003 R:
XXXXX - Date Code
G : Halogen and Lead Free Device
APA6003
XXXXX
QA: QFN4x4-28B
APA6003 QA:
XXXXX - Date Code
APA6003
XXXXX
LINP 3
LINN 4
VCLAMP 9
AGND 8
GAIN0 5
AGC 10
RINN 11
RINNA 13
APA6003
TSSOP-28P
15 SEL
16 MONO
LINPA 1
LINNA 2
17 RPVDD
18 RBSP
21 RBSN
19 ROUTP
20 ROUTN
22 LBSN
23 LOUTN
24 LOUTP
25 LBSP
GAIN1 6
AVDD 7
RINPA 14
RINP 12
26 LPVDD
27 SD
28 FLAG
19 MONO
APA6003
QFN4x4-28B
LBSP 1
LPVDD 2
SD 3
FLAG 4
LINPA 5
LINNA 6
LINP 7
15 RINP
16 RINNA
17 RINPA
18 SEL
20 RPVDD
21 RBSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com