Electronic Components Datasheet Search
  English  ▼

X  

APA6003 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA6003
Description  15W Stereo Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA6003 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA6003 Datasheet HTML 2Page - Anpec Electronics Coropration APA6003 Datasheet HTML 3Page - Anpec Electronics Coropration APA6003 Datasheet HTML 4Page - Anpec Electronics Coropration APA6003 Datasheet HTML 5Page - Anpec Electronics Coropration APA6003 Datasheet HTML 6Page - Anpec Electronics Coropration APA6003 Datasheet HTML 7Page - Anpec Electronics Coropration APA6003 Datasheet HTML 8Page - Anpec Electronics Coropration APA6003 Datasheet HTML 9Page - Anpec Electronics Coropration APA6003 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. P.1 - Sep., 2015
www.anpec.com.tw
6
APA6003
Pin
NO.
TSSOP-28P
QFN4x4-28
B
Name
I/O/P
FUNCTION
1
5
LINPA
I
Positive audio input for left channel.
2
6
LINNA
I
Negative audio input for left channel.
3
7
LINP
I
Positive audio input for left channel.
4
8
LINN
I
Negative audio input for left channel.
5
9
GAIN0
I
Gain select least significant bit. TTL logic levels with compliance to
AVDD.
6
10
GAIN1
I
Gain select least significant bit. TTL logic levels with compliance to
AVDD.
7
11
AVDD
P
Analog supply.
8
-
AGND
P
Analog signal ground. Connect to the thermal pad.
9
12
VCLAMP
I
Regulated voltage, Nominal voltage is 5V.
10
13
AGC
I
AGC level adjust. Connect a resistor divider from VCLAMP to GND to
set AGC. Connect directly to VCLAMP for no AGC.
11
14
RINN
I
Negative audio input for right channel.
12
15
RINP
I
Positive audio input for right channel.
13
16
RINNA
I
Negative audio input for right channel.
14
17
RINPA
I
Positive audio input for right channel.
15
18
SEL
I
Dual Differential Inputs control, SEL to low: INN / INP input, SEL to
high : INNA / INNP input
16
19
MONO
I
Parallel BTL mode switch
17
20
RPVDD
P
Power supply for right channel H-bridge. Right channel and left
channel power supply inputs are connect internally.
18
21
RBSP
I
Bootstrap I/O for right channel, positive high-side FET.
19
22
ROUTP
O
Class-D H-bridge positive output for right channel.
20
23
ROUTN
O
Class-D H-bridge negative output for right channel.
21
24
RBSN
I
Bootstrap I/O for right channel, negative high-side FET.
22
26
LBSN
I
Bootstrap I/O for left channel, negative high-side FET.
23
27
LOUTN
O
Class-D H-bridge negative output for left channel.
24
28
LOUTP
O
Class-D H-bridge positive output for left channel.
25
1
LBSP
I
Bootstrap I/O for left channel, positive high-side FET.
26
2
LPVDD
P
Power supply for left channel H-bridge. Right channel and left channel
power supply inputs are connect internally.
27
3
/SD
I
Shutdown logic input for audio amp (Low=outputs disabled,
High=output enabled). . TTL logic levels with compliance to AVDD.
28
4
/FLAG
O
Open drain output used to display short circuit or dc detect fault status.
Voltage compliant to AVDD. Short circuit faults can be set to
auto-recovery by connecting /FLAG pin to /SD pin.
-
25
PGND
P
Power ground for the H-bridges.
29(Thermal
Pad)
29(Thermal
Pad)
GND
P
Power ground for the H-bridges.
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com