Electronic Components Datasheet Search
  English  ▼

X  

APL3538 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL3538
Description  Ultra-LowOn-Resistance, 6A Dual Load Switch with Soft Start
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3538 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL3538 Datasheet HTML 1Page - Anpec Electronics Coropration APL3538 Datasheet HTML 2Page - Anpec Electronics Coropration APL3538 Datasheet HTML 3Page - Anpec Electronics Coropration APL3538 Datasheet HTML 4Page - Anpec Electronics Coropration APL3538 Datasheet HTML 5Page - Anpec Electronics Coropration APL3538 Datasheet HTML 6Page - Anpec Electronics Coropration APL3538 Datasheet HTML 7Page - Anpec Electronics Coropration APL3538 Datasheet HTML 8Page - Anpec Electronics Coropration APL3538 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. P.1 - Sep., 2015
www.anpec.com.tw
2
APL3538
Preliminary
Pin Configurations
VOUT1 12
EN1 13
VIN1 14
APL3538A/C
TQFN 2x2-14
(Top View)
6 EN2
7 VOUT2
5 VIN2
VOUT1 12
ENB1 13
VIN1 14
APL3538B/D
TQFN 2x2-14
(Top View)
6 ENB2
7 VOUT2
5 VIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com