Electronic Components Datasheet Search
  English  ▼

X  

APL3538 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL3538
Description  Ultra-LowOn-Resistance, 6A Dual Load Switch with Soft Start
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3538 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL3538 Datasheet HTML 1Page - Anpec Electronics Coropration APL3538 Datasheet HTML 2Page - Anpec Electronics Coropration APL3538 Datasheet HTML 3Page - Anpec Electronics Coropration APL3538 Datasheet HTML 4Page - Anpec Electronics Coropration APL3538 Datasheet HTML 5Page - Anpec Electronics Coropration APL3538 Datasheet HTML 6Page - Anpec Electronics Coropration APL3538 Datasheet HTML 7Page - Anpec Electronics Coropration APL3538 Datasheet HTML 8Page - Anpec Electronics Coropration APL3538 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. P.1 - Sep, 2015
www.anpec.com.tw
4
APL3538
Preliminary
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Thermal Resistance in free air
(Note 2)
TQFN2x2-14
70
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Range
Unit
VDD
VDD Input Voltage (VDD
≥VIN)
3.0 ~ 5.5
V
VINx
VINx Input Voltage
0.8 ~ 5.5
V
VOUTx Output Current (Single Channel)
0 ~ 6
A
IOUTx
Maximum Pulse Current, Pulse<300
µs, 1% Duty Cycle (Single Channel)
8
A
VIHx
ENx/ENBx Logic High Input Voltage
1 ~ 5.5
V
VILx
ENx/ENBx Logic Low Input Voltage
0 ~ 0.4
V
CSSx
SSx Capacitance
0 ~ 10
nF
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Note 3 : Refer to the typical application circuit.
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
INx= 5V, VDD=5V, VENx=5V (or VENBx=0V) and TA=-40~85
oC. Typical va-
lues are at T
A=25
oC.
APL35 38A/B/C/D
S ymbol
Param eter
Test Conditions
Min.
Typ.
Max.
Unit
S UP PLY CURRENT
V DD Sup ply Curr ent (b oth
cha nnels)
No load
–
20
30
µA
V DD Sup ply Curr ent (sing le
cha nnel)
No load
–
15
25
µA
No load, VDD=5V, VENx=0V
–
–
1
µA
V DD Sup ply Curr ent at
S hutdown
No load, VDD=5V, VENBx=5V
–
0.9
2
µA
No load, VDD=5V, VINx=5V, V EN=0V or V ENB=5V
–
0.1
8
µA
No load, VDD=5V, VINx=3.3V, VEN=0V or
VENB=5V
–
0.1
3
µA
No load, V
DD= 5V, VINx=1.8V, VENx= 0V or
VENB=5V
–
0.1
2
µA
V INx O ff-State Sup ply Curre nt
(p er ch anne l)
No load, V
DD= 5V, VINx=0.8V, VENx= 0V or
VENB=5V
–
0.1
1
µA
Reverse Lea ka ge Current (per
cha nnel)
VENx=0V or VENBx=5V, VOUTx=5.5V, V INx=0V
–
0.1
16
µA
UNDER-V OLTAGE LOCKOUT (UVLO)
Rising VDD UV LO Th reshold
V DD rising, TJ =25
o
C
2.0
2.3
2.6
V
VDD UV LO Hysteresis
–
0.1
–
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com