Electronic Components Datasheet Search
  English  ▼

X  

APL3538 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL3538
Description  Ultra-LowOn-Resistance, 6A Dual Load Switch with Soft Start
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3538 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL3538 Datasheet HTML 2Page - Anpec Electronics Coropration APL3538 Datasheet HTML 3Page - Anpec Electronics Coropration APL3538 Datasheet HTML 4Page - Anpec Electronics Coropration APL3538 Datasheet HTML 5Page - Anpec Electronics Coropration APL3538 Datasheet HTML 6Page - Anpec Electronics Coropration APL3538 Datasheet HTML 7Page - Anpec Electronics Coropration APL3538 Datasheet HTML 8Page - Anpec Electronics Coropration APL3538 Datasheet HTML 9Page - Anpec Electronics Coropration APL3538 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. P.1 - Sep, 2015
www.anpec.com.tw
6
APL3538
Preliminary
Timing Chart
Figure 1. t
D(ON)/tD(OFF), tON/tOFF, tR/tF Waveforms
Note4: Rise and fall times of the control signal is 100ns.
Pin Descriptions
PIN
NO.
NAME
Function
1, 14
VIN1
Power supply Input of switch 1. Connect this pin to an external DC supply.
2
GND
Power supply Input of switch. Connect this pin to an external DC supply.
3
VDD
VDD voltage input pin for internal control circuitry. Connecting this pin to a 5V or 3.3V supply voltage provides
the bias for the control circuitry and charge pump.
4, 5
VIN2
Power supply Input of switch 2. Connect this pin to an external DC supply.
EN2
Enable input of switch 2. Logic high turns on switch. The EN2 pin cannot be left floating.
6
ENB2
Enable input of switch 2. Logic low turns on switch. The ENB2 pin cannot be left floating.
7, 8
VOUT2
Output of switch 2. The output voltage follows the input voltage. When EN2 is low or ENB2 is high, the output
voltage is discharged by an internal resistor.
9
SS2
Soft start control of switch 2. A capacitor from this pin to ground sets the VOUT
’s rise slew rate.
10
SS1
Soft start control of switch 1. A capacitor from this pin to ground sets the VOUT
’s rise slew rate.
11, 12
VOUT1
Output of switch 1. The output voltage follows the input voltage. When EN1 is low or ENB1 is high, the output
voltage is discharged by an internal resistor.
EN1
Enable input of switch 1. Logic high turns on switch. The EN1 pin cannot be left floating.
13
ENB1
Enable input of switch 1. Logic low turns on switch. The ENB1 pin cannot be left floating.
90%
90%
tR
10%
10%
tF
VOUT
50%
50%
50%
tD(ON)
tON
VOUT
VEN
tD(OFF)
tOFF
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com