Electronic Components Datasheet Search
  English  ▼

X  

APX72B Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APX72B
Description  Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX72B Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APX72B Datasheet HTML 1Page - Anpec Electronics Coropration APX72B Datasheet HTML 2Page - Anpec Electronics Coropration APX72B Datasheet HTML 3Page - Anpec Electronics Coropration APX72B Datasheet HTML 4Page - Anpec Electronics Coropration APX72B Datasheet HTML 5Page - Anpec Electronics Coropration APX72B Datasheet HTML 6Page - Anpec Electronics Coropration APX72B Datasheet HTML 7Page - Anpec Electronics Coropration APX72B Datasheet HTML 8Page - Anpec Electronics Coropration APX72B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Mar., 2015
APX9172/72A/72B
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
Features
General Description
The APX9172 is an integrated Hall Effect Sensor IC de-
signed for electric commutation of single-phase DC
brushless motor applications. The device is built-in lock
protection. When fan is locked, the device will enter the
lock protection mode. It is also with thermal shutdown
function. The APX9172 is available in a low cost TSOT23-
6F, TSOT23-6 and SOP-8F packages.
Pin Configuration
• On-chip Hall Sensor
• High Sensitivity Hall Effect Sensor IC: ±15G(Typ.)
• Built-in Lock Protection and Auto Restart Function
• Speed Controllable by PWM Input Signal
• FG Output (for APX9172)
• 1/2FG Output (for APX9172A)
• RD Output (for APX9172B)
• Built-in Thermal Protection Circuit
• 6 Pin TSOT23-6F, TSOT23-6 and SOP-8F Packages
• Lead Free and Green Devices Available (RoHS
Compliant)
Applications
•
Brushless DC Fans
•
Brushless DC Motors
TSOT-23-6F
(TOP VIEW)
4 OUT2
6 VDD
GND 2
OUT1 3
FG 1
APX9172
5 PWM
GND 2
6 VDD
OUT1 3
4 OUT2
FG 1
TSOT-23-6
(TOP VIEW)
APX9172
5 PWM
PWM 2
7 GND
OUT2 3
NC 4
6 OUT1
5 NC
8 FG
VDD 1
SOP-8F
APX9172


Similar Part No. - APX72B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7311 ANPEC-APX7311 Datasheet
567Kb / 26P
Three-Phase Sine-Wave Brushless DC Motor Cont roller
APX7311NLI-TRG ANPEC-APX7311NLI-TRG Datasheet
567Kb / 26P
Three-Phase Sine-Wave Brushless DC Motor Cont roller
APX7311QBI-TRG ANPEC-APX7311QBI-TRG Datasheet
567Kb / 26P
Three-Phase Sine-Wave Brushless DC Motor Cont roller
APX7320 ANPEC-APX7320 Datasheet
347Kb / 22P
Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
More results

Similar Description - APX72B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9150 ANPEC-APX9150 Datasheet
214Kb / 16P
Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9153 ANPEC-APX9153 Datasheet
238Kb / 14P
Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9153A ANPEC-APX9153A Datasheet
222Kb / 12P
Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9154 ANPEC-APX9154 Datasheet
236Kb / 15P
Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9154A ANPEC-APX9154A Datasheet
216Kb / 12P
Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9166EI ANPEC-APX9166EI Datasheet
166Kb / 10P
Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9167A ANPEC-APX9167A Datasheet
127Kb / 10P
Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9168 ANPEC-APX9168 Datasheet
208Kb / 13P
Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
APX9170D ANPEC-APX9170D Datasheet
153Kb / 10P
Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
APX9172 ANPEC-APX9172_17 Datasheet
193Kb / 13P
Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com