Electronic Components Datasheet Search
  English  ▼

X  

APX72B Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APX72B
Description  Single-Phase Full-Wave Motor Driver with Built-in Hall Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX72B Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APX72B Datasheet HTML 1Page - Anpec Electronics Coropration APX72B Datasheet HTML 2Page - Anpec Electronics Coropration APX72B Datasheet HTML 3Page - Anpec Electronics Coropration APX72B Datasheet HTML 4Page - Anpec Electronics Coropration APX72B Datasheet HTML 5Page - Anpec Electronics Coropration APX72B Datasheet HTML 6Page - Anpec Electronics Coropration APX72B Datasheet HTML 7Page - Anpec Electronics Coropration APX72B Datasheet HTML 8Page - Anpec Electronics Coropration APX72B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Mar., 2015
APX9172/72A/72B
www.anpec.com.tw
3
Symbol
Parameter
Rating
Unit
VDD
VDD Pin Supply Voltage (VDD to GND)
-0.3 to 20
V
VOUT
Output Pin (OUT1, OUT2) Output Voltage
-0.3 to 20
V
IOUT
Output Pin (OUT1, OUT2) Maximum Output Current – Continuous
Hold
300
600
mA
VPWM
PWM Pin Input Voltage
-0.3 to 20
V
IFG
FG Pin Output Sink Current
20
mA
FG Pin Output Voltage
-0.3 to 20
V
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 to 150
oC
TSOR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Absolute Maximum Ratings (Note 1)
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance-Junction to Ambient
(Note 2)
TSOT-23-6F
TSOT-23-6
SOP-8F
240
240
156.25
oC/W
PD
Power Dissipation, TA = 25°C
TSOT-23-6F
TSOT-23-6
SOP-8F
520
520
800
mW
Note 2 : The maximum allowable power dissipation at any T
A (ambient temperature) is calculated using: PD =(TJ – TA) / θJA; TJ = 150°C.
Exceeding the maximum allowable power dissipation will result in excessive die temperature.
Recommended Operation Conditions
Symbol
Parameter
Range
Unit
VDD
VDD Supply Voltage
3 to 17
V
VPWM
PWM Pin Input Voltage
0 to VCC
V
TA
Operating Ambient Temperature
-40 to 105
oC
TJ
Junction Temperature
-40 to 125
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com